전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7102ARDZ-9.0-R7

  • AI
    The **ADP7102ARDZ-9.0-R7** is a high-performance, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage for noise-sensitive applications. --- ### ## Technical Specifications Below is a breakdown of the key electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 9.0V | | **Input Voltage Range** | 3.3V to 20V | | **Output Current** | Up to 300 mA | | **Dropout Voltage** | 200 mV (typical at 300 mA load) | | **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz; 40 dB at 1 MHz | | **Output Noise** | 15 µV rms (low noise performance) | | **Package Type** | 8-Lead SOIC_N_EP (with Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features and Functions 1. **Low Dropout (LDO):** It can maintain a regulated 9V output even when the input voltage is only slightly higher (approx. 9.2V), which reduces power dissipation and heat. 2. **Wide Input Voltage:** Supporting up to 20V makes it versatile for industrial and automotive power rails. 3. **High PSRR:** Excellent at filtering out ripple from switching power supplies, making it ideal for powering clean analog circuitry. 4. **Precision Enable:** Includes a high-accuracy enable pin, allowing for precise power sequencing and UVLO (Under Voltage Lockout) settings. 5. **Exposed Pad (EP):** The "RDZ" suffix indicates an SOIC package with an exposed thermal pad, which must be soldered to the PCB ground plane to dissipate heat efficiently. --- ### ## Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ADP7102** | Device Series (300mA, 20V CMOS LDO) | | **A** | Temperature Range (Industrial) | | **RDZ** | Package (SOIC_N with Exposed Pad) | | **9.0** | Fixed Output Voltage (9.0 Volts) | | **R7** | Packaging Type (7-inch Reel, 1000 pieces) | --- ### ## Application Usage This component is typically used in: - **Regulation of high-resolution ADCs/DACs:** Where low noise is critical for accuracy. - **RF and Microwave Circuits:** To avoid interference from power supply ripple. - **Industrial Communications:** Providing stable rails for RS-485 or CAN transceivers. - **Medical Instrumentation:** For sensitive sensor signal conditioning.
    ✨ Follow-up Questions
    • ⤷ What are the recommended input and output capacitor values for the ADP7102?
    • ⤷ How does the thermal resistance change if the exposed pad is not soldered?
    • ⤷ Is there an adjustable version of the ADP7102 available?