전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7102ARDZ-R7

  • AI
    ## Detailed Overview of ADP7102ARDZ-R7 The **ADP7102ARDZ-R7** is a high-performance, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to operate with high input voltages while maintaining low noise and high Power Supply Rejection Ratio (PSRR), making it ideal for powering sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Input Voltage Range** | 3.3 V to 20 V | | **Maximum Output Current** | 300 mA | | **Output Voltage Options** | Adjustable (1.22 V to 19 V) or Fixed | | **Low Noise** | 15 µV rms (independent of output voltage) | | **PSRR** | 60 dB at 10 kHz; 40 dB at 1 MHz | | **Dropout Voltage** | 200 mV (typical at 300 mA load) | | **Package** | 8-Lead SOIC_N_EP (with Exposed Pad) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP7102 includes several critical electronic stages: 1. **Pass Transistor:** A PMOS pass element that handles the current flow from input to output. Because it is a PMOS-based LDO, it requires very low headroom to maintain regulation. 2. **Bandgap Reference:** Provides a highly stable 1.22 V reference voltage used to compare against the output via an internal feedback network. 3. **Error Amplifier:** Constantly monitors the output voltage and adjusts the gate of the PMOS transistor to keep the output stable despite changes in load or input voltage. 4. **Soft Start Circuitry:** Limits inrush current during startup by gradually increasing the output voltage. 5. **Protection Blocks:** * **Thermal Shutdown (TSD):** Turns off the device if the junction temperature exceeds 150°C. * **Short-Circuit Protection:** Limits current flow if the output is shorted to ground. * **Reverse Current Protection:** Prevents current from flowing from the output back to the input. --- ### 3. Pin Configuration The **ARDZ** suffix indicates the SOIC package with an exposed pad for enhanced thermal dissipation. | Pin No. | Pin Name | Function | | :--- | :--- | :--- | | 1 | **VOUT** | Regulated Output Voltage. | | 2 | **SENSE / ADJ** | Sense input for fixed versions or Feedback input for adjustable versions. | | 3 | **GND** | Ground. | | 4 | **NC** | No Connect. | | 5 | **EN** | Enable input. Drive high to turn on the regulator. | | 6 | **NC** | No Connect. | | 7 | **VIN** | Input Voltage Supply. | | 8 | **EP** | Exposed Pad. Must be soldered to the PCB ground plane for cooling. | --- ### 4. Typical Application Circuit To operate correctly, the ADP7102 requires minimal external components. Below is a conceptual representation of an adjustable configuration: ```c // Typical Connection Logic Input (3.3V-20V) --> [C_IN: 1uF] --> VIN (Pin 7) VOUT (Pin 1) --> [C_OUT: 1uF] --> Load EN (Pin 5) --> Logic High (Active) ADJ (Pin 2) --> Voltage Divider (R1/R2) from VOUT to GND EP (Pad) --> Large Copper Plane (Thermal Management) ``` --- ### 5. Common Use Cases * **ADC/DAC Powering:** Due to its low noise (15 µV rms), it prevents jitter and noise floor degradation in converters. * **RF/Wireless Systems:** Used in PLLs and VCOs where high PSRR is required to filter out switching power supply noise. * **Industrial/Medical:** High input voltage tolerance (up to 20V) allows it to regulate down from standard 12V or 15V industrial rails. ---
    ✨ Follow-up Questions
    • ⤷What are the specific resistor values needed to set the output to 5V?
    • ⤷ How does the 'Exposed Pad' impact the PCB layout requirements?
    • ⤷ What is the difference between the ADP7102 and the ADP7104 series?