전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7112ACBZ-3.3-R7

  • AI
    ### Overview of the ADP7112ACBZ-3.3-R7 The **ADP7112ACBZ-3.3-R7** is a high-performance, low dropout (LDO) linear regulator produced by Analog Devices. It is specifically designed for high-performance analog and mixed-signal circuits that require a very clean power supply with low noise and high power supply rejection. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 3.3 V | | **Input Voltage Range** | 3.3 V to 20 V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | 200 mV (typical at 200 mA load) | | **Low Noise** | 11 μV rms (independent of output voltage) | | **PSRR (Power Supply Rejection)** | 88 dB at 10 kHz; 50 dB at 1 MHz | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Characteristics #### 1. Low Noise Performance The device is engineered for applications where power supply noise can degrade performance, such as RF components or high-resolution ADCs. It maintains a low noise floor of **11 μV rms** without the need for an external bypass capacitor, saving board space. #### 2. High PSRR (Power Supply Rejection Ratio) Its ability to filter out ripples from the input power source (such as switching noise from a DC-DC converter) is excellent. With **88 dB at 10 kHz**, it ensures the output remains stable even if the input is "dirty." #### 3. Wide Input Voltage Range Unlike many LDOs that operate only up to 5.5V, the ADP7112 supports up to **20V**. This makes it versatile for industrial applications where a 12V or 15V rail needs to be stepped down to 3.3V. #### 4. Protection Features The chip includes several internal safety mechanisms: * **Current Limit Protection:** Prevents damage during short-circuit conditions. * **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds safe limits. * **Reverse Current Protection:** Prevents current from flowing from output to input when the input voltage drops below the output voltage. --- ### Typical Application Circuit The circuit is highly simplified, requiring only small ceramic capacitors for stability. ```text Input (3.3V - 20V) ----[ 2.2µF Cap ]---- VIN [ ADP7112 ] VOUT ----[ 2.2µF Cap ]---- Output (3.3V) EN GND | | Enable Pin Ground ``` --- ### Common Use Cases * **Precision Instrumentation:** Powering sensitive sensors. * **Communication Infrastructure:** Powering PLLs, VCOs, and RF mixers. * **Medical Equipment:** Low-noise power for diagnostic imaging or monitoring. * **Space-Constrained Electronics:** The WLCSP package is extremely small, making it ideal for mobile or wearable tech.
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the WLCSP package to ensure proper heat dissipation?
    • ⤷ How does the ADP7112 compare to the ADP7102 series?
    • ⤷ What is the impact of using a capacitor larger than 2.2µF on the output?