전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7118ACPZN-R7

  • AI
    ## Technical Overview of ADP7118ACPZN-R7 The **ADP7118ACPZN-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage for high-precision analog and mixed-signal circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7 V to 20 V | | **Maximum Output Current** | 200 mA | | **Fixed/Adjustable** | Adjustable (via external resistors) | | **Dropout Voltage** | 200 mV (typical at 200 mA load) | | **PSRR** | 88 dB at 10 kHz; 40 dB at 1 MHz | | **Output Noise** | 11 µV rms (independent of output voltage) | | **Package Type** | 6-lead LFCSP (2mm x 2mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP7118 consists of several critical electronic stages: 1. **Internal Reference:** A high-precision bandgap reference that ensures low noise and high stability across temperature changes. 2. **Error Amplifier:** Compares the feedback voltage from the output to the internal reference to maintain a constant voltage. 3. **Pass Transistor:** A PMOS pass element that handles the current flow from input to output. Its low "on-resistance" allows for the low dropout characteristic. 4. **Soft Start Circuitry:** Controls the ramp-up of the output voltage to prevent inrush current during startup. 5. **Protection Blocks:** * **Thermal Shutdown:** Protects the device from overheating. * **Current Limit:** Prevents damage in case of a short circuit. --- ### 3. Application Circuit Example To use the adjustable version of this LDO, external resistors ($R_1$ and $R_2$) are required to set the output voltage ($V_{OUT}$). ```python # Formula for calculating Output Voltage # V_out = V_ref * (1 + R1 / R2) # Where V_ref is typically 1.2V V_ref = 1.2 R1 = 10000 # 10k Ohms R2 = 5000 # 5k Ohms V_out = V_ref * (1 + R1 / R2) print(f"Calculated Output: {V_out}V") # Output will be 3.6V ``` --- ### 4. Typical Use Cases * **ADC/DAC Supplies:** Providing clean power to high-resolution converters to prevent noise interference. * **RF Applications:** Low noise and high Power Supply Rejection Ratio (PSRR) make it ideal for powering oscillators and LNAs. * **Industrial/Automotive:** Wide input voltage (up to 20V) allows it to handle unregulated rails in harsh environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the LFCSP package for this regulator?
    • ⤷ How does the PSRR performance of the ADP7118 compare to standard LDOs?
    • ⤷ What capacitor values are recommended for the input and output filters?