전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7142ACPZN5.0-R7

  • AI
    The **ADP7142ACPZN5.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a very clean and stable power supply for noise-sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 5.0 V (Fixed) | | **Input Voltage Range** | 2.7 V to 40 V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | ~200 mV (at 200 mA load) | | **PSRR (Power Supply Rejection Ratio)** | >60 dB at 10 kHz; 40 dB at 1 MHz | | **Output Noise** | 11 µV rms (10 Hz to 100 kHz) | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Blocks The internal architecture of the ADP7142 includes several critical electronic stages: 1. **High Voltage Pass Transistor:** A P-channel MOSFET that regulates the flow of current from input to output. Its low "on-resistance" allows for the low dropout capability. 2. **Error Amplifier:** Compares the internal 1.2V reference voltage against a feedback fraction of the output voltage to maintain a steady 5V output regardless of load changes. 3. **Soft Start Circuit:** Limits the inrush current during startup to prevent voltage spikes and protect downstream components. 4. **Precision Enable (EN):** A logic-level input that turns the device on or off. It has a precise threshold, allowing it to be used as a programmable UVLO (Under Voltage Lockout). --- ### 3. Application Use Cases Because of its high input voltage range (up to 40V) and extremely low noise, this part is commonly used in: * **ADC/DAC Powering:** Providing clean rails for high-resolution converters. * **RF and Communications:** Powering VCOs (Voltage Controlled Oscillators) and PLLs (Phase Locked Loops) where phase noise must be minimized. * **Industrial/Automotive:** Applications requiring regulation from 12V or 24V bus lines that might experience high voltage transients. --- ### 4. Implementation Example To utilize this part, a typical circuit requires only two capacitors: ```c // Typical Configuration - Input Capacitor (Cin): 2.2 µF (Ceramic, X5R/X7R) - Output Capacitor (Cout): 2.2 µF (Ceramic, X5R/X7R, low ESR) - EN Pin: Tie to VIN for "Always On" or control via MCU GPIO ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the LFCSP package at 40V input?
    • ⤷ How does the PSRR of the ADP7142 compare to standard switching regulators?
    • ⤷ Can the ADP7142 be used in parallel to increase output current?