전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP7183ACPZN2.5-R7

  • AI
    ### ADP7183ACPZN2.5-R7: Ultra-Low Noise Linear Regulator The **ADP7183ACPZN2.5-R7** is a high-performance CMOS, low dropout (LDO) linear regulator. It is specifically designed to provide high output current and ultra-low noise performance for sensitive analog circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.5 V (Fixed) | | **Input Voltage Range** | −2.0 V to −5.5 V | | **Maximum Output Current** | 300 mA | | **Dropout Voltage** | 130 mV (Typical at 300 mA) | | **Noise Density** | 4 μV rms (10 Hz to 100 kHz) | | **PSRR** | 75 dB at 10 kHz; 62 dB at 1 MHz | | **Operating Temperature** | −40°C to +125°C | | **Package Type** | 8-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture of the ADP7183 includes several critical electronic stages: 1. **Reference Voltage Source:** An ultra-low noise internal reference that dictates the accuracy of the 2.5V output. 2. **Error Amplifier:** Compares the output voltage against the reference to adjust the pass transistor. Its high gain ensures tight regulation. 3. **PMOS Pass Transistor:** Acting as the primary control element, it modulates the current flow from input to output with minimal voltage loss (low dropout). 4. **Protection Circuitry:** * **Thermal Shutdown:** Disables the device if the junction temperature exceeds safe limits. * **Current Limit:** Protects the device during short-circuit or over-current conditions. 5. **Soft Start:** Internal circuitry that controls the ramp rate of the output voltage during power-up to prevent inrush current. --- ### 3. Application Areas Due to its high Power Supply Rejection Ratio (PSRR) and low noise floor, this part is ideal for: * **ADC and DAC Powering:** Providing clean power to high-speed data converters. * **RF and Microwave Circuits:** Powering sensitive local oscillators (LO) and mixers. * **Medical Instrumentation:** Used in imaging or diagnostic tools where signal integrity is paramount. * **Communications Infrastructure:** Maintaining signal clarity in base stations and optical modules. --- ### 4. Part Number Breakdown The nomenclature `ADP7183ACPZN2.5-R7` can be decoded as follows: * **ADP7183:** Series name. * **A:** Temperature range grade. * **CP:** Package code (LFCSP). * **Z:** RoHS compliant (Lead-free). * **N:** Negative regulator type (though this specific series is often grouped with negative LDO logic). * **2.5:** Fixed output voltage of 2.5V. * **R7:** Packaging format (7-inch Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADP7183 and the ADP7182 series?
    • ⤷ How does the LFCSP package affect the thermal management of this LDO?
    • ⤷ What are the recommended input and output capacitor types for this part?