전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP8140ACPZ-2-R7

  • AI
    The **ADP8140ACPZ-2-R7** is a high-performance, multi-channel LED driver designed and manufactured by Analog Devices. It is specifically optimized for high-brightness LED applications, offering precise current control and robust protection features. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 30 V | | **Number of Output Channels** | 4 Channels | | **Output Current** | Up to 500 mA per channel | | **Interface** | PWM (Pulse Width Modulation) | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Internal Electronic Features The internal architecture of the ADP8140 allows it to manage power efficiently while protecting sensitive LED arrays. ### A. High-Side Current Sensing The device integrates high-side current sensing, which allows for simplified PCB routing and better performance in applications where the LED cathode might be grounded or connected to a common chassis. ### B. Adaptive Feedback Control It features a feedback pin that communicates with an external DC-DC converter (like a boost regulator). This allows the system to adjust the LED supply voltage to the minimum level required to maintain current regulation, significantly reducing power dissipation and heat. ### C. Fault Protection Mechanisms * **Open LED Protection:** Detects if a string is disconnected to prevent overvoltage. * **Short-Circuit Protection:** Shuts down the channel if a short is detected. * **Thermal Shutdown:** Protects the IC from permanent damage if internal temperatures exceed safety limits. --- ## 3. Pinout and Packaging Information The **"ACPZ-2-R7"** suffix provides specific details about the physical implementation: * **ACPZ:** Indicates the Lead Frame Chip Scale Package (LFCSP), which offers excellent thermal dissipation in a small footprint. * **-2:** Refers to the specific configuration or voltage/current trim variant within the family. * **R7:** Denotes that the part is supplied on a 7-inch Tape and Reel (usually 1,500 units). --- ## 4. Typical Application Diagram Concept In a standard circuit, the ADP8140 acts as the "controller" for the LED strings: ```text [DC-DC Boost] ----> [LED String 1] ----> [ADP8140 Channel 1] |--> [LED String 2] ----> [ADP8140 Channel 2] |--> [LED String 3] ----> [ADP8140 Channel 3] `--> [LED String 4] ----> [ADP8140 Channel 4] ^ | (Feedback Loop to DC-DC) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using adaptive feedback control in LED drivers?
    • ⤷ How does the LFCSP package compare to traditional SOIC packages regarding thermal management?
    • ⤷ Can the ADP8140 be used for automotive lighting applications?