전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP8860ACPZ-R7

  • AI
    The **ADP8860ACPZ-R7** is a high-performance integrated circuit (IC) primarily used as a **Smart LED Driver with Charge Pump Capabilities**. It is manufactured by Analog Devices and is designed to drive multiple LEDs (typically for backlighting) while maximizing efficiency and minimizing component count. --- ## 1. Technical Specifications Below are the key technical parameters for the ADP8860ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Function** | 7-Channel Smart LED Driver | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Output Current** | Up to 30 mA per channel (Main LEDs) | | **Charge Pump Types** | 1x, 1.5x, and 2x modes | | **Interface** | I2C Compatible | | **Package** | 20-lead LFCSP (4mm x 4mm) | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Electronic Features ### A. Automatic Gain Selection The device features an internal charge pump that automatically switches between **1x, 1.5x, and 2x gain modes**. It monitors the voltage across the LED current sources and only boosts the voltage when necessary, which significantly extends battery life in portable devices. ### B. Programmable Lighting Effects The ADP8860 includes a "Smart Control" engine that allows users to program: * **Fade-in / Fade-out:** Smooth transitions for backlighting. * **Independent Control:** Seven individual LED current sinks. * **Automated Dimming:** Reduces the burden on the system processor. ### C. Protection Circuitry The IC is built with several safety mechanisms: * **Soft Start:** Prevents inrush current during startup. * **Short-Circuit Protection:** Protects the IC if an LED lead is grounded. * **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures. --- ## 3. Typical Application Circuit In a standard configuration, the ADP8860 requires only a few external capacitors (typically 1.0 $\mu$F or 2.2 $\mu$F) to operate the charge pump. ```cpp // Example I2C Pseudo-code to Enable Backlight void init_ADP8860() { write_reg(0x01, 0x01); // Enable the Charge Pump write_reg(0x02, 0x7F); // Enable all 7 LED channels write_reg(0x05, 0x1F); // Set maximum brightness } ``` --- ## 4. Common Use Cases * **Mobile Handsets:** Keypad and display backlighting. * **Portable Instruments:** Status indicators and small screen illumination. * **IoT Devices:** Low-power visual feedback.
    ✨ Follow-up Questions
    • ⤷What are the specific register addresses for controlling fade rates on the ADP8860?
    • ⤷ How does the ADP8860 compare to the ADP8861 or ADP8863 variants?
    • ⤷ What is the typical power efficiency rating for the 1.5x charge pump mode?