전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADPA7005AEHZ-R7

  • AI
    # Technical Overview of ADPA7005AEHZ-R7 The **ADPA7005AEHZ-R7** is a high-performance Gallium Arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT), Monolithic Microwave Integrated Circuit (MMIC). It is primarily designed as a power amplifier for high-frequency telecommunications and radar systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 18 GHz to 44 GHz | | **Gain** | 15.5 dB (Typical) | | **Saturated Output Power ($P_{sat}$)** | +32 dBm (approx. 1.6 W) | | **Output IP3** | +40 dBm | | **Supply Voltage ($V_{DD}$)** | 5.0 V | | **Quiescent Current ($I_{DQ}$)** | 1400 mA | | **Package Type** | 7 mm × 7 mm, 18-terminal LCC_HS | --- ### 2. Functional Description The device is a wideband power amplifier that covers the K, Ka, and Q bands. It is internally matched to **50 $\Omega$**, which simplifies the integration process by removing the need for complex external impedance matching circuitry. #### Internal Features: * **Integrated Power Detector:** Includes an on-chip power detector for monitoring the output power levels. * **DC Blocked I/Os:** The RF input and output are AC coupled (DC blocked), preventing DC offsets from damaging connected stages. * **Thermal Management:** The package features an exposed paddle (Heatsink) on the bottom to manage the high power dissipation typical of GaAs amplifiers. --- ### 3. Pin Configuration & Application The ADPA7005 is sensitive to power sequencing. Proper biasing is required to ensure the longevity of the GaAs pHEMT. ```yaml Biasing_Sequence: Step_1: Apply negative Gate Voltage (VGG1) to pinch off the device (-2V approx). Step_2: Apply Drain Voltage (VDD) (typically 5V). Step_3: Adjust VGG1 until the desired Quiescent Current (IDQ) is reached. Step_4: Apply RF Input signal. ``` #### Common Applications: 1. **Point-to-Point Radios:** High-capacity microwave backhaul. 2. **SATCOM:** Satellite ground stations and terminals. 3. **Military & Space:** Electronic warfare and radar systems. 4. **Test Instrumentation:** High-frequency signal generation. --- ### 4. Layout and Assembly Considerations Due to the high frequency (up to 44 GHz), the PCB layout is critical: * **Via Stitching:** Ensure a high density of thermal vias under the exposed pad to conduct heat to the ground plane. * **Substrate Choice:** Use high-frequency materials like Rogers 4350B or Taconic to minimize dielectric losses. * **Decoupling:** Use 100 pF, 0.01 µF, and 4.7 µF capacitors on the supply lines to filter noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the 18-terminal LCC_HS package?
    • ⤷ Can you provide the recommended power-down sequence for this GaAs amplifier?
    • ⤷ How does the integrated power detector behave across the 18-44 GHz range?