전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADR06WARZ-R7

  • AI
    ## Overview of the ADR06WARZ-R7 The **ADR06WARZ-R7** is a precision bandgap voltage reference produced by **Analog Devices**. It is designed to provide a highly stable and accurate 3.0V output, making it ideal for high-resolution data acquisition systems and automotive applications. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.0 V | | **Input Voltage Range** | 3.3 V to 18 V | | **Initial Accuracy** | ±0.1% (Max) | | **Temperature Coefficient** | 9 ppm/°C (Grade A) / 3 ppm/°C (Grade B) | | **Output Noise (0.1Hz to 10Hz)** | 10 µV p-p | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead SOIC_N | | **Automotive Grade** | AEC-Q100 Qualified | --- ### Core Features 1. **High Stability:** It offers low long-term drift and a very low temperature coefficient, ensuring the reference remains stable across varying environmental conditions. 2. **Low Noise:** Designed to minimize electrical noise, which is critical when acting as a reference for 14-bit or 16-bit Analog-to-Digital Converters (ADCs). 3. **Wide Supply Range:** Can operate with an input voltage up to 18V, allowing flexibility in power rail design. 4. **No External Capacitor Required:** It is stable without an external output capacitor, though one can be added to further reduce noise. --- ### Pin Configuration (8-Lead SOIC) | Pin Number | Mnemonic | Description | | :--- | :--- | :--- | | 1 | NC | No internal connection | | 2 | $V_{in}$ | Input Voltage Supply | | 4 | GND | Ground | | 6 | $V_{out}$ | Reference Voltage Output | | 3, 5, 7, 8 | NC | No Connection / Reserved | --- ### Application Use Cases * **Precision Data Acquisition:** Providing the baseline voltage for high-accuracy ADCs and DACs. * **Automotive Systems:** Used in ECU sensor biasing and battery management systems due to its AEC-Q100 qualification. * **Industrial Instrumentation:** Found in smart transmitters and portable test equipment. * **Medical Equipment:** Used in diagnostic devices requiring stable measurement references. --- ### Example Circuit Topology In a typical application, the ADR06 is used with a decoupling capacitor on the input to filter supply noise. ```spice +Vin (3.3V - 18V) | ______|______ | [Pin 2] | | | 3.0V Stable Output | ADR06 |----------[Pin 6]-----> To ADC Vref | | |____[Pin 4]__| | GND ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADR06WARZ and the standard ADR06ARZ?
    • ⤷ How does the temperature coefficient affect the precision of an ADC system?
    • ⤷ Does this component require a minimum load current to maintain regulation?