전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADR3430ARJZ-R7

  • AI
    ## Technical Overview: ADR3430ARJZ-R7 The **ADR3430ARJZ-R7** is a high-precision, low-power, CMOS voltage reference manufactured by **Analog Devices**. It is specifically designed for applications requiring high accuracy and stability in a compact form factor. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Output Voltage ($V_{out}$)** | 3.0 V | | **Initial Accuracy** | ±0.1% (Maximum) | | **Temperature Coefficient** | 8 ppm/°C (Maximum) | | **Input Voltage Range** | 3.1 V to 5.5 V | | **Supply Current** | 100 µA (Maximum) | | **Output Current Drive** | ±10 mA | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23-6 | --- ### 2. Core Functional Features * **Low Quiescent Current:** Consuming a maximum of 100 µA, it is ideal for battery-operated handheld devices. * **High Output Drive:** Unlike many low-power references, it can source or sink up to 10 mA, allowing it to drive ADCs or sensors directly without an additional buffer. * **No Output Capacitor Required:** The device is stable even without a large output capacitor, saving board space, though adding one can improve transient response. * **Low Noise:** It provides a clean reference signal essential for high-resolution data conversion (12-bit to 16-bit systems). --- ### 3. Pin Configuration (SOT-23-6) Below is the standard pinout representation for the ADR3430: | Pin Number | Mnemonic | Description | |:---:|:---|:---| | 1 | **NC** | No internal connection. | | 2 | **VIN** | Input voltage supply. | | 3 | **EN** | Enable pin (High = On, Low = Shutdown). | | 4 | **GND** | Ground reference. | | 5 | **VOUT** | Reference voltage output (3.0 V). | | 6 | **NC** | No internal connection. | --- ### 4. Typical Application Circuit To achieve the best performance, use the following basic configuration: ```c // Schematic Representation [VIN] ----+---- [Pin 2: VIN] [Pin 5: VOUT] ----+---- [V_Ref Out] | | [0.1uF Cap] [0.1uF - 10uF Cap] | | [GND] ----+---- [Pin 4: GND] ---------------------------+---- [GND] // Note: Pin 3 (EN) should be tied to VIN for continuous operation. ``` --- ### 5. Common Use Cases 1. **Precision Data Acquisition:** Providing the reference voltage for ADCs and DACs. 2. **Industrial Process Control:** Used in 4-20 mA loop-powered transmitters. 3. **Medical Instrumentation:** High-stability reference for portable monitoring devices. 4. **Automotive Systems:** Battery monitoring and sensor signal conditioning.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ADR3430 and the ADR3425?
    • ⤷ How does the 'Enable' pin affect the power consumption in shutdown mode?
    • ⤷ What is the recommended layout practice to minimize thermal drift for this component?