전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADR4550DEZ-R7

  • AI
    The **ADR4550DEZ-R7** is a high-precision, low-noise voltage reference integrated circuit (IC) manufactured by **Analog Devices**. It belongs to the ADR45xx family, which is renowned for its high stability and efficiency. --- ### 1. Key Technical Specifications The ADR4550 is designed for applications where accuracy is critical. Below are the primary specifications: | Feature | Specification | | :--- | :--- | | **Output Voltage** | 5.0 V | | **Initial Accuracy** | ±0.02% (B Grade) / ±0.04% (A Grade) | | **Temperature Drift** | 2 ppm/°C (max) | | **Input Voltage Range** | 5.1 V to 15 V | | **Output Current** | +10 mA (source) / -10 mA (sink) | | **Supply Current** | 950 µA (max) | | **Package** | 8-Lead SOIC_N | | **Operating Temp** | −40°C to +125°C | --- ### 2. Core Functional Characteristics The "Electronic Parts" within the IC and its operational design provide several advantages: * **Ultra-Low Noise:** It produces extremely low low-frequency noise (typically 2.8 μV p-p at 0.1 Hz to 10 Hz), which is essential for high-resolution Data Converters (ADCs/DACs). * **High Drive Capability:** Unlike many precision references that require a buffer, the ADR4550 can source and sink up to 10 mA, allowing it to drive heavy loads directly. * **Excellent Line/Load Regulation:** It maintains a stable output even if the input voltage fluctuates or the output current demand changes. * **Low Hysteresis:** It exhibits very low thermally induced output voltage hysteresis, meaning it returns to the same voltage after temperature cycling. --- ### 3. Application Use Cases This component is typically integrated into the following electronic systems: 1. **Precision Data Acquisition:** Providing the reference voltage for 16-bit to 24-bit ADCs. 2. **Medical Instrumentation:** Used in ECG/EKG machines or imaging equipment where signal integrity is paramount. 3. **Industrial Control:** Used in PLC (Programmable Logic Controllers) for accurate sensor measurement. 4. **Automotive:** Battery management systems and precision engine sensors. --- ### 4. Implementation Example When designing a PCB for the ADR4550, a typical decoupling circuit is required to ensure stability: ```c // Schematic Representation [Input Voltage (5.1V-15V)] --+-- [VIN] | [0.1uF Capacitor] | [GND] [VOUT (5.0V)] --+-- [Load / ADC Ref Pin] | [1uF to 10uF Capacitor] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the ADR4550 and the ADR4525?
    • ⤷ How does temperature drift affect the accuracy of an ADC circuit?
    • ⤷ What is the significance of the -R7 suffix in the part number?