전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADR530BRT-R2

  • AI
    ## Technical Overview: ADR530BRT-R2 The **ADR530BRT-R2** is a high-precision, low-power shunt mode voltage reference produced by Analog Devices. It is designed specifically for applications requiring high stability in a very small form factor. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the ADR530BRT-R2: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.0 V | | **Initial Accuracy** | ±6.0 mV (±0.2%) | | **Temperature Coefficient** | 70 ppm/°C | | **Operating Current Range** | 50 µA to 15 mA | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-23-3 (RT-3) | --- ### 2. Core Functional Components The internal architecture of the ADR530 consists of several critical electronic stages: 1. **Bandgap Reference Core:** The heart of the chip that generates a stable voltage by canceling the negative temperature coefficient of a PN junction with a positive temperature coefficient from a PTAT (Proportional To Absolute Temperature) circuit. 2. **Error Amplifier:** Monitors the output and adjusts the internal shunt transistor to maintain exactly 3.0V relative to the ground. 3. **Shunt Transistor:** Functions like a Zener diode, "shunting" excess current to maintain a constant voltage drop across the device. --- ### 3. Application Circuit Example A shunt reference requires an external resistor ($R_s$) to limit the current. The following represents a typical implementation: ```text Input Voltage (Vin) | [ Rs ] <-- Current Limiting Resistor | +---------- Out (3.0V) | | [ ADR530 ] [ Load ] | | GND GND ``` --- ### 4. Distinctive Features * **No Output Capacitor Required:** Unlike many voltage references, the ADR530 is stable without an external output capacitor, saving PCB space. * **Low Quiescent Current:** It can operate with as little as 50 µA, making it ideal for battery-powered handheld devices. * **Compact Integration:** The SOT-23 package is standard for surface-mount technology (SMT) and high-density boards. --- ### 5. Common Use Cases * **Precision Data Converters:** Providing the reference voltage for 8-bit to 12-bit ADCs and DACs. * **Portable Instrumentation:** Battery monitoring and handheld medical devices. * **Industrial Process Control:** Precise signal conditioning for sensors.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the value for the external series resistor (Rs)?
    • ⤷ What is the difference between a shunt reference and a series reference?
    • ⤷ Is there a version of this chip with a lower temperature coefficient?