전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADRF5700BCCZN-R7

  • AI
    The **ADRF5700BCCZN-R7** is a high-performance, silicon-based digital attenuator developed by Analog Devices. It is designed for high-frequency applications, particularly in telecommunications and radar systems. --- ## 1. Core Technical Specifications The ADRF5700 is a 6-bit digital step attenuator (DSA) operating over a wide frequency range. | Feature | Specification | | :--- | :--- | | **Frequency Range** | 9 kHz to 40 GHz | | **Attenuation Range** | 0 dB to 31.5 dB | | **Step Size** | 0.5 dB | | **Insertion Loss** | ~2.0 dB at 20 GHz; ~3.5 dB at 40 GHz | | **Control Interface** | Parallel and Serial (SPI) | | **Package** | 24-terminal LGA (3mm x 3mm) | | **Operating Temperature** | -40°C to +105°C | --- ## 2. Key Electronic Features ### A. Silicon-on-Insulator (SOI) Technology Unlike older GaAs (Gallium Arsenide) attenuators, the ADRF5700 uses **SOI technology**. This allows for: * **No Blocking Capacitors:** It can operate down to very low frequencies (9 kHz) without needing external DC blocking capacitors, provided the DC voltage is 0V. * **Fast Settling Time:** High-speed switching suitable for rapid signal leveling. ### B. Dual Control Interface The chip is versatile in how it interfaces with microcontrollers or FPGAs: * **Serial Mode (SPI):** Uses a 3-wire system to shift in attenuation settings, saving GPIO pins. * **Parallel Mode:** Allows for immediate, direct state changes, which is critical for time-sensitive applications. ### C. Power Handling and Linearity * **P0.1dB:** The part maintains high linearity, with a 0.1 dB compression point of approximately **30 dBm**. * **IIP3:** High input third-order intercept point (typically **54 dBm**) ensures minimal signal distortion in multi-carrier systems. --- ## 3. Application Use Cases This part is typically found in high-bandwidth signal chains: 1. **5G Infrastructure:** Managing signal strength in massive MIMO and base stations. 2. **Test and Measurement:** Used in signal generators and network analyzers to provide precise power control. 3. **Military Radar:** Phased array antenna systems requiring high-frequency attenuation. --- ## 4. Typical Connection Diagram (Simplified) Below is a representation of the signal and control flow. ```mermaid graph LR RF_IN[RF Input] --> ATTEN[ADRF5700 Core] ATTEN --> RF_OUT[RF Output] MCU[Microcontroller] -- SPI/Parallel --> ATTEN VDD[3.3V Supply] --> ATTEN VSS[-3.3V Supply] --> ATTEN ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the ADRF5700 at 40 GHz?
    • ⤷ How does the power supply rejection ratio (PSRR) affect its performance?
    • ⤷ Can this part be used in a single-supply configuration?