전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADRF5702BCCZN-R7

  • AI
    The **ADRF5702BCCZN-R7** is a high-performance, silicon-based digital attenuator developed by Analog Devices. It is designed specifically for high-frequency RF (Radio Frequency) applications, offering precise signal control. --- ### ## Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADRF5702: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 100 MHz to 30 GHz | | **Attenuation Range** | 31.5 dB | | **Step Size** | 0.5 dB (6-bit control) | | **Insertion Loss** | ~1.6 dB at 18 GHz | | **Control Interface** | Serial (SPI) and Parallel | | **Switching Speed** | ~100 ns | | **Package** | 24-terminal LGA (4mm x 4mm) | --- ### ## Functional Overview #### 1. Core Technology Unlike older GaAs (Gallium Arsenide) attenuators, the ADRF5702 is built on a **Silicon-on-Insulator (SOI)** process. This allows it to handle high power levels without the need for external DC blocking capacitors (in most cases), provided the DC voltage is 0V. #### 2. Digital Control Logic The device uses a 6-bit digital control word to adjust attenuation. It supports two modes: * **Serial Mode (SPI):** Minimizes the number of control lines required. * **Parallel Mode:** Allows for high-speed, direct state changes. #### 3. Power Handling and Linearity It features high linearity (Input IP3 typically > 50 dBm), making it suitable for modern communication standards where signal integrity is critical. --- ### ## Typical Application Circuit When integrating this part into a PCB design, the following connections are standard: ```mermaid graph LR RF_IN[RF Input] --> ATT[ADRF5702] ATT --> RF_OUT[RF Output] MCU[Microcontroller] -- SPI/Parallel --> ATT V_SUP[3.3V Supply] --> ATT ``` ### ## Part Number Breakdown: ADRF5702BCCZN-R7 * **ADRF:** Analog Devices RF product line. * **5702:** Specific model identifier. * **B:** Revision or grade. * **CCZ:** Package code (LGA). * **N:** Temperature range (usually -40°C to +105°C). * **R7:** 7-inch reel packaging (standard for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ How does the ADRF5702 compare to GaAs-based attenuators in terms of power consumption?
    • ⤷ What are the specific decoupling capacitor requirements for the VDD and VSS pins?
    • ⤷ Can this device be used in reflective or non-reflective applications?