전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADRF6704ACPZ-R7

  • AI
    ## Technical Overview of ADRF6704ACPZ-R7 The **ADRF6704ACPZ-R7** is a high-performance Quadrature Modulator designed by Analog Devices. It is primarily used to convert baseband or intermediate frequency (IF) signals directly to a radio frequency (RF) output ranging from **2050 MHz to 3000 MHz**. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **RF Output Frequency Range** | 2050 MHz to 3000 MHz | | **LO Input Frequency Range** | 2050 MHz to 3000 MHz | | **Output IP3 (Third-Order Intercept)** | +23.5 dBm @ 2140 MHz | | **Output P1dB (Compression Point)** | +12.8 dBm @ 2140 MHz | | **Sideband Suppression** | -45 dBc @ 2140 MHz | | **Supply Voltage** | 4.75 V to 5.25 V | | **Package** | 40-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### Internal Architecture and Components The device integrates several critical electronic functional blocks within its silicon: 1. **Quadrature Modulator:** Consists of two mixers (I and Q) that combine the baseband signal with a local oscillator (LO) signal shifted by 90 degrees. 2. **LO Interface:** Features a 2×LO frequency divider or a polyphase filter to generate the internal quadrature LO signals. 3. **Voltage Regulators:** Integrated low-dropout (LDO) regulators to ensure clean power for sensitive internal analog circuits. 4. **Digital Control:** Uses a **3-wire SPI interface** for controlling internal registers, allowing for fine-tuning of the LO phase and gain. ### Typical Application Circuit Snippet In a typical circuit, the baseband inputs are differential. Below is a simplified representation of how the interface might be defined in a system control script: ```python # Conceptual Register Configuration for ADRF6704 def configure_adrf6704(spi_bus): # Register 0x01: Power up internal LDOs and Modulator spi_bus.write(0x01, 0b00000001) # Register 0x02: Set LO frequency division/routing spi_bus.write(0x02, 0b10110000) # Register 0x03: Adjust I/Q DC offset for carrier suppression spi_bus.write(0x03, 0x7F) ``` --- ### Use Cases and Applications * **Cellular Base Stations:** Used in W-CDMA, CDMA2000, and LTE transmitters. * **Point-to-Point Radios:** High-speed wireless backhaul links. * **Broadband Wireless Access:** WiMAX and proprietary wireless loops. * **Instrumentation:** Signal generators and wireless testers. ### Package and Suffix Information * **ACPZ:** Indicates a Lead-Frame Chip Scale Package (LFCSP) that is RoHS compliant. * **R7:** Indicates the tape and reel packaging size (typically 7-inch reel containing 750 or 1,500 units).
    ✨ Follow-up Questions
    • ⤷ What are the requirements for the Local Oscillator (LO) input power for this chip?
    • ⤷ How does the SPI interface help in improving carrier feedthrough?
    • ⤷ What are the thermal considerations for the 40-lead LFCSP package in high-power applications?