AI

### ADS02008MR-R: Component Overview
The **ADS02008MR-R** is a high-performance, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for space-constrained applications that require clear audio output, such as handheld devices or medical equipment.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms ± 15% @ 1.5 kHz |
| **Power Rating (Rated)** | 0.2 Watts (200 mW) |
| **Power Rating (Max)** | 0.5 Watts (500 mW) |
| **Resonant Frequency (Fo)** | 850 Hz ± 20% |
| **Frequency Range** | 850 Hz ~ 10,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB ± 3dB @ 0.1W/0.1M |
| **Magnet Material** | NdFeB (Neodymium) |
| **Cone Material** | Mylar |
---
### 2. Key Features and Construction
* **Neodymium Magnet:** Utilizes a Neodymium-Iron-Boron (NdFeB) magnet, which provides a high magnetic flux density in a tiny footprint, allowing for higher efficiency and lower weight.
* **Mylar Cone:** The diaphragm is made of Mylar (polyester film). This makes the speaker resistant to moisture and environmental humidity compared to paper-cone speakers.
* **Small Form Factor:** Usually features a diameter of approximately 20mm and a very slim profile, making it ideal for "thin" electronic enclosures.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### 3. Connection and Integration
To integrate this speaker into a circuit, developers typically use a small audio amplifier or a PWM signal from a microcontroller (filtered).
#### Example: Simple Audio Driving Circuit
```cpp
// Pseudocode for driving the speaker via a PWM pin (Simple Tones)
void setup() {
pinMode(SPEAKER_PIN, OUTPUT);
}
void loop() {
tone(SPEAKER_PIN, 1000); // Send 1kHz square wave
delay(500);
noTone(SPEAKER_PIN);
delay(500);
}
```
---
### 4. Common Applications
* **Medical Devices:** Handheld heart rate monitors, glucose meters, or infusion pumps.
* **Portable Electronics:** Handheld scanners, GPS units, and walkie-talkies.
* **Industrial:** Alert systems for panels or mobile testing equipment.
* **Consumer Goods:** Electronic toys or smart appliances requiring feedback pings.
- ⤷
What are the recommended mounting techniques for the ADS02008MR-R to ensure maximum SPL?
- ⤷ Does this speaker require a specific enclosure volume for optimal bass response?
- ⤷ What are the common audio amplifier ICs used to drive an 8-ohm 0.2W speaker?