전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADUCM3029BCPZ-R7

  • AI
    ## Overview of ADUCM3029BCPZ-R7 The **ADUCM3029BCPZ-R7** is an ultra-low-power microcontroller unit (MCU) based on the **ARM Cortex-M3** processor. It is specifically designed by Analog Devices for Internet of Things (IoT) applications where power efficiency and integrated analog capabilities are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 26 MHz | | **Flash Memory** | 256 KB | | **SRAM** | 64 KB (with ECC) | | **Operating Voltage** | 1.74V to 3.6V | | **Package** | 64-LFCSP (8mm x 8mm) | | **ADC** | 12-bit SAR ADC, 1.8 MSPS | | **Low Power Mode** | < 30 μA/MHz (Active), < 750 nA (Hibernate) | --- ### 2. Core Electronic Components & Architecture #### A. Power Management Unit (PMU) The device features an integrated power management system that allows it to operate with extremely low current consumption. - **Buck Converter:** Integrated high-efficiency DC-DC converter to reduce power consumption from the battery. - **Flexi-Power:** Allows independent powering of peripherals to save energy. #### B. Analog Front-End (AFE) Unlike standard digital MCUs, the ADuCM3029 is highly specialized for sensor interfacing: - **12-bit SAR ADC:** Features up to 8 external channels. - **Digital Comparator:** Allows for threshold monitoring without waking the main CPU core. #### C. Memory & Security - **Cache Controller:** A dedicated instruction cache improves execution efficiency and lowers power. - **Hardware Encryption:** Includes a cryptographic accelerator (AES and SHA-256) and a True Random Number Generator (TRNG) for secure IoT communication. #### D. Peripherals and Connectivity The chip includes a standard suite of digital interfaces: - **I2C, SPI, and UART:** For communication with external sensors and radios. - **SPORT:** Synchronous Serial Port for audio or high-speed data transfer. - **RTC:** Real-time clock for time-stamping and scheduled wake-ups. --- ### 3. Application Use Cases Due to its ultra-low power profile, this part is commonly used in: 1. **Wearable Devices:** Smartwatches and fitness trackers. 2. **Smart Agriculture:** Long-range sensor nodes for soil monitoring. 3. **Industrial IoT:** Vibration monitoring and wireless factory sensors. 4. **Smart Building:** Thermostats and security sensors. --- ### 4. Part Number Breakdown `ADUCM3029BCPZ-R7` * **ADUCM:** Analog Devices Microcontroller Family. * **3029:** Specific model (Cortex-M3, 256KB Flash). * **BCPZ:** Lead-free LFCSP package. * **R7:** Denotes "7-inch Reel" packaging (1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADuCM3029 and the ADuCM4050?
    • ⤷ How do I configure the integrated DC-DC converter for minimum power consumption?
    • ⤷ Which development tools or IDEs are recommended for this MCU?