전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADV3220ACPZ-R7

  • AI
    ## Technical Overview of ADV3220ACPZ-R7 The **ADV3220ACPZ-R7** is a high-speed, high-performance **2:1 Analog Multiplexer** designed by Analog Devices. It is specifically engineered for high-resolution video switching and high-speed signal routing applications. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Function** | 2:1 Differential / High-Speed Multiplexer | | **Bandwidth (-3 dB)** | 800 MHz | | **Slew Rate** | 2400 V/µs | | **Supply Voltage** | ±4.5 V to ±5.5 V | | **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +85°C | --- ### Core Electronic Components & Architecture The internal architecture of the ADV3220 focuses on maintaining signal integrity at extremely high frequencies. #### 1. High-Speed Output Driver The device features a high-current output stage capable of driving heavy loads (such as 75Ω or 100Ω terminated lines) with minimal distortion. This is critical for professional video equipment where signal loss must be avoided. #### 2. Switching Matrix The 2:1 mux utilizes a high-speed logic interface to switch between two input sources. The switching time is exceptionally low, ensuring a seamless transition between signals. #### 3. Enable/Disable Functionality It includes an **Output Enable (OE)** pin. When disabled, the output enters a high-impedance state, allowing multiple ADV3220 units to be connected in parallel (bus-switching) without loading the line. --- ### Notable Electronic Performance Features * **Low Crosstalk:** Designed with internal shielding and optimized pinouts to ensure that the "off" channel does not interfere with the "active" channel (typically -75 dB @ 10 MHz). * **Differential Gain/Phase Error:** It maintains high color accuracy for analog video, with differential gain of 0.02% and differential phase of 0.02°. * **Fast Settling Time:** The 0.1% settling time is approximately 8 ns, which is essential for high-speed data acquisition systems. --- ### Pin Configuration (Summary) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | IN0 | Analog Input 0 | | 2 | IN1 | Analog Input 1 | | 3 | V- | Negative Supply Rail | | 4 | SEL | Input Select Logic (High/Low) | | 5 | OE | Output Enable (Active Low) | | 6 | V+ | Positive Supply Rail | | 7 | OUT | Analog Output | | 8 | GND | Ground | --- ### Common Applications 1. **Professional Video:** Routing high-definition analog signals. 2. **Instrumentation:** Selecting inputs for high-speed oscilloscopes or analyzers. 3. **Data Acquisition:** Rapidly switching between multiple sensors or high-speed data streams.
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the 800 MHz bandwidth of the ADV3220?
    • ⤷ How does the 'Output Enable' feature facilitate large switching matrices?
    • ⤷ What is the power consumption profile of this device at max load?