AFB1212SH-R00
AI

The **AFB1212SH-R00** is a high-performance axial fan manufactured by Delta Electronics. It is widely used in servers, industrial workstations, and telecommunications equipment due to its high airflow capabilities.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical parameters:
| Feature | Specification |
| :--- | :--- |
| **Model Number** | AFB1212SH-R00 |
| **Frame Size** | 120mm x 120mm x 25.4mm |
| **Rated Voltage** | 12V DC |
| **Voltage Range** | 7.0V to 13.8V DC |
| **Rated Current** | 0.80A (Max 1.20A) |
| **Input Power** | 9.60 Watts |
| **Speed** | 3400 RPM |
| **Max Airflow** | 113.11 CFM (3.203 m³/min) |
| **Static Pressure** | 0.430 in H₂O (10.92 mm H₂O) |
| **Noise Level** | 46.5 dB(A) |
| **Bearing Type** | Dual Ball Bearing |
---
### ## Electronic Components & Wiring
The **-R00** suffix in the model number designates a specific electronic output signal provided by the fan's internal circuitry.
#### 1. The Sensor: Lock Sensor (R00)
Unlike the "-F00" models which provide Tachometer (speed) output, the **-R00** stands for **Rotary Lock Signal**.
* **Function:** It monitors whether the fan motor is spinning.
* **Logic:**
* When the fan is **running**, the signal stays at a "Low" voltage level.
* When the fan is **stopped/locked**, the signal switches to a "High" voltage level.
* **Purpose:** This is used by system controllers to trigger an immediate alarm if a cooling failure occurs.
#### 2. Wiring Pinout
The fan typically features three wires:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | Power (+) | Positive 12V DC input. |
| **Black** | Ground (-) | Negative / Common return. |
| **Blue/White** | Lock Sensor | Open Collector output for lock detection. |
#### 3. Protection Features
* **Polarity Protection:** Prevents damage if the positive and negative leads are reversed.
* **Locked Rotor Protection:** The internal IC will automatically shut off power to the coils if the blades are obstructed to prevent the motor from overheating or burning out.
---
### ## Internal Construction
* **Motor Type:** Brushless DC (BLDC) motor with a 4-pole design.
* **Bearing System:** It utilizes **Dual Ball Bearings**, which are superior to sleeve bearings for high-temperature environments and provide a much longer lifespan (MTBF of approx. 70,000 hours).
* **Housing/Impeller:** Constructed from UL 94V-0 rated plastic (PBT), ensuring flame retardancy.
- ⤷What is the difference between the R00 and F00 suffixes in Delta fans?
- ⤷ How do I interface the Lock Sensor signal with an Arduino or PLC?
- ⤷ Can this fan be speed-controlled using PWM?