전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AFB1224SH-R00

  • AI
    ### Technical Overview: Delta AFB1224SH-R00 The **AFB1224SH-R00** is a high-performance axial DC fan manufactured by Delta Electronics. It is designed for industrial-grade cooling, characterized by high airflow and a specific monitoring signal (R00). --- ### Core Specifications | Parameter | Specification | | :--- | :--- | | **Frame Size** | 120mm x 120mm x 25.4mm | | **Rated Voltage** | 24V DC | | **Operating Voltage Range** | 14.0V to 27.6V DC | | **Rated Current** | 0.33A (Max 0.50A) | | **Input Power** | 7.92W | | **Speed** | 3400 RPM | | **Airflow** | 113.11 CFM (3.203 m³/min) | | **Static Pressure** | 10.92 mmH₂O | | **Noise Level** | 46.5 dB-A | | **Bearing Type** | Dual Ball Bearing | --- ### Electronic Components & Wiring The fan utilizes a brushless DC (BLDC) motor architecture. Below are the key electronic features: #### 1. Internal Circuitry * **Commutation IC:** An integrated circuit controls the timing of the electromagnetic coils to rotate the permanent magnet rotor. * **Protection Features:** * **Locked Rotor Protection:** Prevents the motor from burning out if the blades are physically obstructed. * **Polarity Protection:** Protects the internal PCB if the positive and negative leads are reversed. #### 2. Wiring Configuration (3-Wire Interface) The **-R00** suffix denotes a specific sensor output known as the **Lock Sensor** or **Failure Alarm**. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | +24V DC | Power supply input. | | **Black** | GND | Ground / Negative. | | **White** | RD Signal | **Rotation Detector:** This signal stays "Low" when the fan is spinning and goes "High" if the fan stops. | --- ### Signal Logic (RD Signal) The R00 suffix indicates an **Open Collector** output for the sensor. * **Normal Operation:** The internal transistor is ON, pulling the signal to ground (Logic Low). * **Fan Failure:** The internal transistor turns OFF, and an external pull-up resistor pulls the signal to the Vcc level (Logic High). ```python # Conceptual Logic for monitoring the R00 signal if fan_signal == HIGH: trigger_alarm("Fan Failure Detected") else: status("Fan Operating Normally") ``` --- ### Application Notes * **Durability:** The dual ball bearing system is rated for roughly 70,000 hours at 40°C. * **PWM Control:** Note that this specific model (-R00) lacks a 4th wire for PWM speed control; speed is managed strictly via voltage scaling. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an R00 (Lock Sensor) and an F00 (Tachometer) signal?
    • ⤷ How do I calculate the correct pull-up resistor for the RD signal wire?
    • ⤷ Can this fan be operated safely at 12V instead of 24V?