전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AG10-R

  • AI
    The **AG10-R** typically refers to a high-voltage DC-DC converter module, often used in scientific, industrial, and medical applications. It is part of a series (likely the XP Power / EMCO AG series) designed to convert low-level DC voltage into a regulated high-voltage output. --- ### 1. Key Technical Specifications The "AG" series is known for its miniature size and proportional output. Below are the standard electronic characteristics for this component: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 0 to 12V or 0 to 15V DC | | **Output Voltage** | 0 to 1,000V DC (1kV) | | **Output Current** | 1mA | | **Power Rating** | 1 Watt | | **Isolation** | < 500V (Input to Output) | | **Package Type** | PCB Mount (Encapsulated) | --- ### 2. Internal Electronic Architecture The device functions using a high-frequency switching topology. The internal components are miniaturized to fit a very small footprint (often less than 0.1 cubic inches). * **Oscillator Stage:** Converts the DC input into a high-frequency AC signal. * **Transformer:** A micro-sized step-up transformer increases the voltage based on the turns ratio. * **Rectification & Filtering:** High-speed diodes and capacitors (C-R or C-L-C filters) convert the AC back to a smooth DC high voltage. * **Control Pin (R-Suffix):** The "R" in the part number often denotes **Output Resistance** or a specific **Remote Control/Regulation** feature that allows for precise tuning of the output voltage via an external resistor or voltage signal. --- ### 3. Pinout Configuration While exact pinouts can vary by manufacturer, the standard AG10 series follows this general layout: 1. **Pin 1 (+):** Input Voltage (+) 2. **Pin 2 (-):** Input Ground (-) 3. **Pin 3 (+):** High Voltage Output (+) 4. **Pin 4 (-):** High Voltage Return (-) 5. **Pin 5 (Case/Shield):** Optional grounding for EMI reduction. --- ### 4. Applications Because of its small size and reliable voltage step-up, the AG10-R is used in: * **Photomultiplier Tubes (PMT):** Providing the bias voltage for light sensors. * **Avalanche Photodiodes (APD):** Precise biasing for high-speed fiber optics. * **Piezoelectric Actuators:** Driving small precision motors. * **Ionization Detectors:** Used in gas chromatography and air quality sensors. --- ### 5. Safety Considerations * **Creepage/Clearance:** Ensure the PCB layout has enough space between the high-voltage pins to prevent arcing. * **Polarity:** These modules are usually fixed-polarity (either positive or negative). Verify the specific model (e.g., AG10P for positive, AG10N for negative).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AG10 and the AG10-R specifically regarding regulation?
    • ⤷ How do I calculate the external resistor value for the control pin?
    • ⤷ What are the thermal management requirements for this module at full load?