전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AIAS-03-R22K

  • AI
    The **AIAS-03-R22K** is a specific electronic component belonging to the family of **Surface Mount Power Inductors**. It is manufactured by Abracon (specifically under the Abracon/AIA series) and is commonly used in high-density electronic circuits for power management. --- ## 1. Technical Specifications The part number "AIAS-03-R22K" follows a specific naming convention that reveals its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Unshielded) | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "K" suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Series** | AIAS-03 | | **Operating Temp** | -40°C to +85°C (Standard) | --- ## 2. Key Physical Features * **Package Size:** The "03" in the series typically corresponds to a specific physical footprint (e.g., approximately 3.5mm x 3.0mm, though exact dimensions vary by specific datasheet versions). * **Construction:** These are usually wire-wound inductors on a ferrite core. Because it is unshielded, it offers a higher current rating for its size but may produce more Electromagnetic Interference (EMI) than shielded variants. * **Terminations:** Features solder-plated terminals suitable for reflow soldering. --- ## 3. Electrical Functionality In a circuit, the AIAS-03-R22K performs the following roles: * **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the switching cycle. * **Filtering:** It acts as a Low-Pass Filter, blocking high-frequency AC noise while allowing DC to pass through. * **Impedance:** It provides inductive reactance, which is useful in RF tuning or signal shaping. --- ## 4. Typical Applications Due to its low inductance (0.22 µH) and compact size, this part is frequently found in: 1. **Mobile Devices:** Power management for smartphones and tablets. 2. **DC-DC Converters:** Voltage regulation modules (VRMs). 3. **Computers:** Power supply filtering for CPUs and high-speed peripherals. 4. **Consumer Electronics:** Hard drives, cameras, and portable media players. --- ## 5. Comparison: Shielded vs. Unshielded Since the AIAS series is generally **unshielded**, it is important to note the design trade-offs: * **Pro:** Lower cost and higher saturation current ($I_{sat}$) compared to shielded inductors of the same size. * **Con:** Higher risk of magnetic flux leakage affecting nearby sensitive components.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (I-sat) for the AIAS-03-R22K?
    • ⤷ How does the 'K' tolerance affect circuit performance in power supplies?
    • ⤷ What are the recommended solder reflow profiles for this SMD inductor?