전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AIAS-03-R47

  • AI
    The **AIAS-03-R47** is a specific electronic component, primarily categorized as a **fixed power inductor** designed for surface mount technology (SMT). It is commonly used in power management circuits where high current handling and low resistance are required. --- ## 1. Component Overview The part belongs to the **AIAS-03 series**, typically manufactured by companies like Abracon. These are shielded power inductors known for their "drum core" construction. ### Technical Specifications | Parameter | Value/Specification | | :--- | :--- | | **Inductance** | 0.47 µH (denoted by "R47") | | **Tolerance** | Usually ±20% (M) | | **Component Type** | Shielded Surface Mount Inductor | | **Core Material** | Ferrite | | **Operating Temp** | -40°C to +125°C (standard range) | --- ## 2. Key Features * **Magnetically Shielded:** The construction minimizes electromagnetic interference (EMI), making it suitable for high-density boards. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **High Saturation Current:** It can handle significant current spikes without the inductance dropping sharply. * **Small Footprint:** Designed for automated SMT assembly processes. --- ## 3. Circuit Applications The AIAS-03-R47 is typically found in the following electronic environments: 1. **DC-DC Converters:** Acts as an energy storage element in buck (step-down) or boost (step-up) regulators. 2. **Filtering:** Used in LC filters to smooth out voltage ripples in power supplies. 3. **Portable Electronics:** Common in smartphones, tablets, and laptops due to its low profile and efficiency. 4. **Decoupling:** Helps prevent high-frequency noise from traveling between different sections of a PCB. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **AIAS-03:** The series/family name (defines physical size and package type). * **R47:** The inductance value. "R" acts as a decimal point ($0.47$ microhenries). * **Additional Suffixes:** May include packaging info (like **-T** for Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the AIAS-03-R47?
    • ⤷ How does a shielded inductor differ from an unshielded one in PCB design?
    • ⤷ What are the physical dimensions of the AIAS-03 package?