전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AISC-0603F-R15

  • AI
    The **AISC-0603F-R15** is a high-frequency wire-wound chip inductor manufactured by Abracon. It is designed primarily for RF (Radio Frequency) applications where high precision and low loss are required in a compact surface-mount package. --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 150 nH (0.15 µH) | | **Tolerance** | ±5% (J) | | **Case Code (Inch/Metric)** | 0603 / 1608 | | **DC Resistance (DCR)** | 0.92 $\Omega$ (Max) | | **Rated Current** | 280 mA (Max) | | **Self-Resonant Frequency (SRF)** | 990 MHz (Min) | | **Quality Factor (Q)** | 25 (Min) at 100 MHz | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Features ### A. Wire-Wound Construction Unlike multilayer inductors, the wire-wound design provides: * **Higher Q Factors:** Better efficiency and lower signal loss in RF circuits. * **Higher Current Handling:** The physical wire can carry more current than thin-film traces. * **Better Stability:** Excellent performance across varying temperatures. ### B. Ceramic Core The "F" in the part number often denotes a ceramic body. Ceramic cores provide: * High SRF (Self-Resonant Frequency), allowing the inductor to function at higher frequencies before behaving like a capacitor. * Minimal magnetic interference. --- ## 3. Applications The AISC-0603F-R15 is commonly used in the following areas: 1. **RF Matching Networks:** Impedance matching for antennas in Bluetooth, Wi-Fi, and IoT devices. 2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters for signal conditioning. 3. **High-Frequency Oscillators:** Maintaining stable frequency output. 4. **Mobile Communication:** Cell phones, base stations, and wireless modems. --- ## 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **AISC** | Abracon Inductor Series (Ceramic) | | **0603** | Physical dimensions (0.06 x 0.03 inches) | | **F** | Ferrite or Ceramic Wire-wound series designation | | **R15** | Inductance value (R = decimal point; 0.15 µH = 150 nH) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between this wire-wound inductor and a multilayer inductor of the same value?
    • ⤷ Can this inductor be used for power supply decoupling
    • ⤷ or is it strictly for RF?
    • ⤷ What are the recommended soldering profiles for the 0603 package size?