전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AISC-0805-R15

  • AI
    ## Analysis of the AISC-0805-R15 Electronic Component The **AISC-0805-R15** is a surface-mount (SMD) wire-wound ceramic chip inductor. It is widely used in high-frequency applications due to its high Q-factor and stable performance across a broad frequency range. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **AISC** | Series | High Frequency Wire-Wound Inductor | | **0805** | Case Size | 2.0mm x 1.25mm (Imperial 0805) | | **R15** | Inductance Value | R denotes decimal; 0.15 µH (or 150 nH) | --- ### 2. Technical Specifications The typical electrical profile for the "R15" variant (150 nH) is as follows: | Parameter | Value | | :--- | :--- | | **Inductance** | 150 nH | | **Tolerance** | Typically ±5% (J) or ±10% (K) | | **Quality Factor (Q) Min** | 50 (at 250 MHz) | | **Self-Resonant Frequency (SRF)** | ~1250 MHz | | **DC Resistance (DCR) Max** | 0.40 - 0.50 Ω | | **Rated DC Current (Iat)** | ~400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Construction Features * **Wire-Wound Design:** Unlike multilayer inductors, the wire is wound around a ceramic core. This provides significantly higher **Q-factors** and higher current handling capabilities. * **Ceramic Core:** Provides excellent thermal stability and very low loss at high frequencies. * **Encapsulation:** Often coated with a clear epoxy resin for mechanical protection and to ensure compatibility with automated pick-and-place machinery. --- ### 4. Common Applications Due to its high frequency and high Q characteristics, the AISC-0805-R15 is primarily found in: 1. **RF Transceivers:** Used in matching circuits and filters for Bluetooth, Wi-Fi, and GSM modules. 2. **Impedance Matching:** Essential for power amplifiers to ensure maximum power transfer to the antenna. 3. **Oscillators:** Used in LC tank circuits to set stable frequencies. 4. **Signal Conditioning:** Decoupling and EMI suppression in high-speed data lines. ---
    ✨ Follow-up Questions
    • ⤷What is the difference in performance between this wire-wound inductor and a multilayer inductor of the same value?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect the usable frequency range of this part?
    • ⤷ What are the recommended soldering profiles for 0805 ceramic chip inductors?