전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AISC-1008-R10

  • AI
    The **AISC-1008-R10** is an industrial-grade **Single Board Computer (SBC)** or System-on-Module (SoM) designed primarily for Artificial Intelligence (AI) acceleration and embedded vision applications. It is based on the **Rockchip RK3588** SoC architecture. --- ### Core Electronic Components The hardware architecture of the AISC-1008-R10 is built around high-performance processing and high-speed connectivity. | Component Type | Specification / Detail | | :--- | :--- | | **Main Processor (SoC)** | **Rockchip RK3588**: Octa-core CPU (4x Cortex-A76 + 4x Cortex-A55). | | **NPU (AI Accelerator)** | Integrated 6.0 TOPs Neural Processing Unit (supports INT4/INT8/INT16/FP16). | | **GPU** | ARM Mali-G610 MC4 (Supports OpenGL ES 3.2, OpenCL 2.2, Vulkan 1.1). | | **Memory (RAM)** | Typically 4GB, 8GB, or 16GB **LPDDR4x/LPDDR5**. | | **Storage (eMMC)** | Onboard Flash memory (usually 32GB to 128GB) for OS and bootloader. | | **Power Management** | Dedicated **PMIC (RK806)** for multi-rail voltage regulation. | --- ### Hardware Interfaces and Connectivity The AISC-1008-R10 utilizes a high-density connector system to interface with carrier boards. #### 1. Display and Video * **Video Outputs:** Supports HDMI 2.1 (8K @ 60fps), DisplayPort 1.4, and MIPI-DSI. * **Video Input:** MIPI-CSI interfaces for high-resolution camera modules (essential for AI vision). * **VPU:** Hardware decoding for 8K H.265/VP9 and 8K H.264 encoding. #### 2. High-Speed I/O * **PCIe:** Support for PCIe 3.0 (used for NVMe SSDs or high-speed Wi-Fi 6 modules). * **USB:** Multiple USB 3.0 and USB 2.0 host/OTG ports. * **Ethernet:** Dual Gigabit Ethernet (GbE) controllers. #### 3. Low-Speed Peripherals * **UART/I2C/SPI:** Standard protocols for sensor integration and motor control. * **GPIO:** General Purpose Input/Output pins for custom electronics interfacing. * **CAN Bus:** Often included for automotive or industrial automation environments. --- ### Key Technical Specifications ```markdown - Architecture: ARMv8.2-A 64-bit - Operating Voltage: 12V DC Input (typical) - Thermal Design: Designed for passive or active cooling heat sinks - Operating Temp: -20°C to +70°C (Industrial Grade) - OS Support: Android, Ubuntu, Debian, Buildroot ``` ### Application Use-Cases 1. **Edge AI:** Real-time object detection and facial recognition. 2. **Digital Signage:** Driving 8K displays with high-resolution content. 3. **Industrial IoT:** Acting as a gateway with high computational power for local data processing. 4. **Robotics:** Processing LIDAR and camera data for autonomous navigation. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the AISC-1008-R10?
    • ⤷ How does the NPU in the RK3588 compare to specialized AI accelerators like Jetson?
    • ⤷ Which software SDKs are recommended for developing AI models on this board?