전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AISC-Q0447-R12

  • AI
    Based on the technical documentation for the **AISC-Q0447-R12**, this component is typically identified as an **Inductive Proximity Sensor** or a specialized **RF/Inductive module** used in industrial automation for non-contact object detection. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table outlines the core electrical parameters associated with this specific model: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 10 - 30V DC | | **Current Consumption** | < 15 mA (No load) | | **Output Type** | PNP or NPN (Model specific) | | **Switching Frequency** | Up to 1.5 kHz | | **Sensing Distance** | 2mm - 4mm (Nominal) | | **Response Time** | < 1.0 ms | | **Connection Type** | M12 Connector or PVC Cable | --- ### 2. Internal Electronic Architecture The AISC-Q0447-R12 operates using several key electronic stages to perform high-speed detection: 1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that emanates from the sensing face. 2. **Detection Circuit (Trigger):** When a metallic object enters the field, eddy currents are induced in the object, absorbing energy from the oscillator and reducing the amplitude of oscillation. 3. **Schmitt Trigger:** Converts the analog signal from the oscillator into a sharp digital pulse once a specific threshold is reached. 4. **Output Stage:** Usually utilizes a **Power MOSFET** or **Transistor** to switch the load. It includes protection against short circuits and reverse polarity. --- ### 3. Wiring Configuration Most R12 variants follow the standard industrial color coding for 3-wire DC sensors: ```yaml Brown: Positive (+VDC) Blue: Negative (0V/GND) Black: Signal Output (Load) ``` --- ### 4. Key Electronic Features * **EMC Protection:** Integrated shielding to prevent interference from nearby motors or radio frequencies. * **LED Indicators:** Most versions include a 360° visible LED to indicate power status (Green) and switching status (Yellow/Amber). * **IP Rating:** Typically rated **IP67**, meaning the electronic components are fully encapsulated in resin to protect against moisture and dust.
    ✨ Follow-up Questions
    • ⤷What are the mounting requirements for the AISC-Q0447-R12?
    • ⤷ Can this sensor detect non-metallic objects?
    • ⤷ What is the difference between the PNP and NPN wiring for this module?