전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AISC-Q0603HQ-R12

  • AI
    The **AISC-Q0603HQ-R12** is a high-frequency, high-Q wire-wound chip inductor designed primarily for automotive and telecommunications applications. It belongs to the AISC-Q series manufactured by Abracon. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **AISC-Q** | Series | Automotive Grade, High Q, Wire-wound Inductor | | **0603** | Case Size | 0603 Imperial (1.6 x 0.8 x 0.8 mm) | | **HQ** | Sub-series | High Quality (High Q Factor) | | **R12** | Inductance | 120 nH (R denotes decimal point in $\mu$H) | --- ## 2. Key Technical Specifications Below are the typical electrical parameters for the **R12 (120 nH)** variant: | Parameter | Value | | :--- | :--- | | **Inductance** | 120 nH | | **Tolerance** | $\pm 5\%$ (Commonly J tolerance) | | **Quality Factor (Q) Min** | 32 (at 150 MHz) | | **Self-Resonant Frequency (SRF)** | 1300 MHz (Minimum) | | **DC Resistance (DCR)** | 0.65 $\Omega$ (Maximum) | | **Rated Current ($I_{dc}$)** | 300 mA (Maximum) | | **Operating Temperature** | -40°C to +125°C | --- ## 3. Core Features & Construction * **AEC-Q200 Qualified:** This is a critical designation, meaning the part is tested and certified for the rigorous stress environments of automotive electronics (vibration, thermal shock, etc.). * **Wire-Wound Structure:** Unlike multilayer inductors, the wire-wound construction allows for much higher **Q-factors** and higher current handling capabilities. * **Ceramic Core:** Provides excellent stability across a wide range of temperatures and frequencies. * **High SRF:** The high Self-Resonant Frequency ensures the inductor maintains its inductive properties into the GHz range, making it ideal for RF circuits. --- ## 4. Common Applications Due to its high precision and durability, this part is used in: 1. **Automotive Electronics:** Infotainment systems, ADAS sensors, and TPMS (Tire Pressure Monitoring Systems). 2. **RF Communications:** Matching circuits for antennas, Bluetooth, Wi-Fi, and cellular base stations. 3. **Filtering:** High-frequency noise suppression in power lines where low DCR is required.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a wire-wound inductor and a multilayer inductor for RF applications?
    • ⤷ How does the Q-factor affect the performance of a resonant circuit?
    • ⤷ Are there alternative case sizes available for the AISC-Q series?