전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AISC-Q0603HQ-R27

  • AI
    The **AISC-Q0603HQ-R27** is a high-performance surface-mount (SMD) inductor specifically designed for high-frequency and automotive applications. It belongs to the **AISC-Q0603HQ** series manufactured by Abracon. --- ### 1. Key Technical Specifications The part number "R27" indicates its inductance value and technical characteristics based on the 0603 (1608 metric) package size. | Parameter | Value | | :--- | :--- | | **Inductance** | 270 nH | | **Tolerance** | ±5% (Standard) | | **Case Size** | 0603 (1.6mm x 0.8mm) | | **Quality Factor (Q) Min** | 28 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | 850 MHz (Typical) | | **DC Resistance (DCR) Max** | 1.60 Ω | | **Rated Current (Max)** | 210 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction * **Core Material:** Ceramic. Ceramic cores offer excellent stability and a high Self-Resonant Frequency (SRF), though they provide lower inductance values compared to ferrite cores. * **Winding:** Wire-wound construction. This provides lower DC resistance and higher current handling capabilities compared to multilayer chip inductors of the same size. * **Termination:** Lead-free, RoHS compliant, usually featuring gold or tin over nickel plating for superior solderability. --- ### 3. Application Use Cases This specific component is optimized for RF (Radio Frequency) circuits where signal integrity and high "Q" factors are critical. * **Automotive Electronics:** AEC-Q200 qualified, making it suitable for TPMS (Tire Pressure Monitoring), Infotainment, and ADAS. * **Wireless Communication:** Used in Wi-Fi modules, Bluetooth devices, and cellular base stations. * **Impedance Matching:** Often placed in the matching networks of antennas to ensure maximum power transfer. * **High-Frequency Filtering:** Used to block high-frequency noise while allowing DC signals to pass. --- ### 4. Part Number Breakdown The nomenclature follows a specific logic: ```text AISC - Q - 0603 - HQ - R27 - (T) | | | | | | | | | | | +-- Packaging (Tape & Reel) | | | | +-------- Inductance (R27 = 0.27µH or 270nH) | | | +------------- High Q (High Quality Factor) | | +-------------------- Case Size (0603 Inches) | +------------------------- Automotive Grade (AEC-Q200) +------------------------------- Abracon Inductor Series ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the AEC-Q200 qualification for this inductor?
    • ⤷ How does the wire-wound ceramic core compare to a multilayer inductor in RF circuits?
    • ⤷ What are the recommended soldering profiles for the 0603 package size?