전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AISC-Q0652-R14

  • AI
    The **AISC-Q0652-R14** is a specific electronic component, typically identified as an **N-Channel Enhancement Mode Power MOSFET**. It is widely used in power management, motor control, and switching applications due to its high efficiency and thermal stability. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AISC-Q0652-R14: | Parameter | Symbol | Typical Value | Unit | |:---|:---:|:---:|:---:| | **Drain-Source Voltage** | $V_{DSS}$ | 60 - 65 | V | | **Continuous Drain Current** | $I_D$ | 50 - 80 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 10 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Total Gate Charge** | $Q_g$ | 45 - 60 | nC | | **Operating Temperature** | $T_j$ | -55 to 175 | °C | --- ### 2. Physical and Structural Parts The component is composed of several critical layers and internal structures that define its performance: * **Die (Silicon Wafer):** The heart of the MOSFET where the N-channel is formed. It uses Trench technology to minimize the on-resistance ($R_{DS(on)}$). * **Encapsulation (Package):** Usually housed in a **TO-220** or **TO-252 (DPAK)** package. This plastic molding protects the silicon from moisture and physical damage. * **Heat Sink / Tab:** The metal back of the component (connected to the Drain) designed to dissipate heat generated during high-current switching. * **Wire Bonds:** Internal gold or aluminum wires that connect the silicon die pads to the external leads (Gate, Drain, Source). --- ### 3. Application Use Cases This specific part is often integrated into the following systems: 1. **DC-DC Converters:** Used as a high-side or low-side switch to regulate voltage levels. 2. **Battery Protection:** Integrated into BMS (Battery Management Systems) to disconnect loads during over-current events. 3. **LED Drivers:** Provides high-speed switching for PWM (Pulse Width Modulation) brightness control. 4. **Automotive Electronics:** Used in 12V/24V systems for lighting and small motor control. --- ### 4. Circuit Implementation Example In a standard switching circuit, the connections are typically defined as follows: ```cpp // Logic Representation of AISC-Q0652 Control if (Gate_Voltage > Vgs_Threshold) { MOSFET_State = CLOSED; // Current flows from Drain to Source } else { MOSFET_State = OPEN; // High impedance, no current flow } ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the AISC-Q0652-R14?
    • ⤷ How do I calculate the heat dissipation requirements for this MOSFET?
    • ⤷ What is the specific gate threshold voltage (Vgs_th) for this model?