AI

The **AK3750X-R** is a high-performance, highly integrated System-on-Chip (SoC) primarily designed by **Anyka** for use in digital multimedia applications, specifically smart home cameras, IP cameras, and entry-level IoT devices.
---
### 1. Key Technical Specifications
The chip architecture is designed to balance power efficiency with video processing capabilities.
| Feature | Description |
| :--- | :--- |
| **CPU Core** | ARM926EJ-S (integrated 16KB I-Cache and 16KB D-Cache) |
| **Video Encoder** | Supports H.264 / MJPEG compression |
| **Resolution** | Typically supports up to 1080P @ 15fps or 720P @ 25/30fps |
| **Integrated Memory** | Built-in DDR2 SDRAM (Capacity varies by sub-version, usually 64MB) |
| **Audio** | Integrated Audio Codec (ADC/DAC) with Echo Cancellation |
| **Storage Interface** | Supports SD/MMC/SDIO cards |
---
### 2. Major Electronic Subsystems
The AK3750X-R is categorized as an "Application Processor" because it integrates several peripheral controllers into a single silicon die:
#### A. Image Signal Processor (ISP)
This is the heart of the chip for camera applications. It handles:
* **Bad Pixel Correction:** Removes sensor artifacts.
* **Noise Reduction:** 2D/3D denoising for low-light conditions.
* **Auto White Balance (AWB):** Corrects color temperature.
* **Auto Exposure (AE):** Adjusts brightness levels automatically.
#### B. Connectivity & Interfaces
The chip provides several pins for communicating with external components:
* **UART/I2C/SPI:** For controlling sensors, Wi-Fi modules, or Bluetooth chips.
* **USB 2.0:** Supports Host and Device modes for data transfer or UVC (USB Video Class) output.
* **GPIO:** General purpose pins for controlling LEDs, motors (for PTZ cameras), or buttons.
#### C. Power Management
The chip is designed for low-power consumption, making it suitable for battery-operated smart doorbells or security cameras. It features multiple power-saving modes (Sleep, Standby) to preserve energy when motion is not detected.
---
### 3. Typical Application Circuit Components
To build a functional device around the AK3750X-R, engineers usually include the following electronic parts:
1. **CMOS Sensor:** Connected via the MIPI or DVP interface (e.g., OV or SC series sensors).
2. **SPI Flash:** For storing the bootloader and firmware (usually 8MB - 32MB).
3. **Wi-Fi Module:** Often connected via SDIO or USB.
4. **Crystal Oscillator:** Typically 12MHz or 24MHz for system clocking.
5. **LDO/Buck Converters:** To step down voltage to the core voltage (approx. 1.2V) and I/O voltage (3.3V).
---
### 4. Code Block: Sample GPIO Initialization (Conceptual)
High-level SDKs for Anyka chips often use C-based structures to define pin behavior:
```c
// Conceptual GPIO configuration for AK37 series
void gpio_init_led() {
gpio_set_pin_function(GPIO_PIN_7, FUNCTION_OUTPUT);
gpio_set_pull_up_down(GPIO_PIN_7, PULL_UP);
gpio_write_pin(GPIO_PIN_7, LEVEL_HIGH); // Turn on LED
}
```
- ⤷What are the specific power consumption ratings for the AK3750X-R in standby mode?
- ⤷ Which CMOS image sensors are natively compatible with the AK3750X-R ISP?
- ⤷ Does the AK3750X-R support hardware-based encryption for secure boot?