전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AL05Y-R10-KB

  • AI
    ## Analysis of the AL05Y-R10-KB Electronic Component The **AL05Y-R10-KB** is a specific type of **Fixed Inductor** (Leaded Inductor). It belongs to a family of "Color Code" or "Molded" inductors that are shaped similarly to resistors but perform inductive functions in a circuit. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **AL** | Series Prefix | Generally refers to Axial Leaded Inductors. | | **05** | Case Size | Indicates physical dimensions (Approx. 4mm diameter x 9mm length). | | **Y** | Material/Core Type | Often signifies a ferrite core for high-frequency performance. | | **R10** | Inductance Value | **0.10 µH** (R acts as a decimal point). | | **K** | Tolerance | **±10%** | | **B** | Packaging/Forming | Usually denotes **Bulk** packaging. | --- ### 2. Technical Specifications These components are designed for general-purpose applications where space is limited but filtering is required. * **Inductance:** 0.10 µH (Microhenries) * **Tolerance:** ±10% * **Case Style:** Axial (Through-hole mounting) * **Construction:** Wire-wound on a ferrite core, encapsulated in a flame-retardant epoxy resin. * **Identification:** Marked with 4 color bands (Brown, Black, Silver, Silver/Gold) representing the value and tolerance in accordance with standard EIA color coding. --- ### 3. Electrical Characteristics Below is a typical profile for a 0.10 µH inductor in this series: | Parameter | Value (Typical) | | :--- | :--- | | **Q-Factor (Min)** | 35 - 50 | | **Test Frequency** | 25.2 MHz | | **Self-Resonant Frequency (SRF)** | > 400 MHz | | **DC Resistance (DCR Max)** | 0.08 - 0.15 Ω | | **Rated DC Current (Idc)** | ~900 mA to 1000 mA | --- ### 4. Common Applications Due to its low inductance and relatively high self-resonant frequency, the AL05Y-R10-KB is typically used for: 1. **RF Filtering:** Blocking high-frequency noise in radio circuits. 2. **Decoupling:** Isolating power supply noise from sensitive ICs. 3. **Signal Conditioning:** Small-scale impedance matching in communication devices. 4. **Oscillators:** Serving as a reactive element in high-frequency LC circuits. --- ### 5. Identification (Color Code) If you are looking at the physical part, the color bands for **0.10 µH ±10%** will be: * **1st Band:** Brown (1) * **2nd Band:** Black (0) * **3rd Band:** Silver (Multiplier: $10^{-2}$ or 0.01) * **4th Band:** Silver (Tolerance: 10%) ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the AL05Y-R10-KB if it is out of stock?
    • ⤷ How does the 'Y' core material affect the inductor's performance compared to an 'A' core?
    • ⤷ Can this inductor be used in high-power switching power supplies?