전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AL1663R

  • AI
    ## AL1663R: High-Performance LED Driver The **AL1663R** is a high-performance, single-stage flyback and buck-boost controller specifically designed for LED lighting applications. It is engineered to provide high Power Factor Correction (PFC) and accurate Constant Current (CC) control. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Topology** | Single-stage Flyback / Buck-Boost | | **Operating Mode** | Boundary Conduction Mode (BCM) | | **Power Factor** | > 0.9 | | **THD** | < 20% | | **Supply Voltage (VCC)** | Up to 30V | | **Package Type** | SO-8 | | **Dimming Support** | Analog and PWM dimming | --- ### 2. Primary Functional Components The internal architecture of the AL1663R consists of several critical electronic sections: #### A. Power Factor Correction (PFC) The IC operates in **Boundary Conduction Mode (BCM)**. This minimizes switching losses and reduces Electromagnetic Interference (EMI) while ensuring the input current follows the input voltage waveform, resulting in a high Power Factor. #### B. Constant Current (CC) Control The device uses primary-side regulation (PSR). This eliminates the need for an optocoupler and a TL431 reference on the secondary side, reducing the Overall Bill of Materials (BOM) cost and increasing reliability. #### C. Dimming Interface The AL1663R features a versatile dimming pin: * **Analog Dimming:** Adjusts the output current by changing the DC voltage level on the CTRL pin. * **PWM Dimming:** Accepts a PWM signal to adjust the brightness by varying the duty cycle. --- ### 3. Integrated Protection Features To ensure long-term reliability in lighting fixtures, the AL1663R includes hardware-level protections: 1. **Under Voltage Lockout (UVLO):** Prevents the IC from operating at unstable voltage levels. 2. **Over Voltage Protection (OVP):** Protects the circuit in case of an open-load condition. 3. **Short Circuit Protection (SCP):** Automatically shuts down the output if a short is detected. 4. **Over Temperature Protection (OTP):** Reduces output current or shuts down if the internal silicon temperature exceeds safe limits. --- ### 4. Typical Application Circuit In a standard flyback configuration, the AL1663R controls an external N-channel MOSFET. ```c // Conceptual pinout representation (SO-8) Pin 1: CTRL (Dimming Input) Pin 2: CS (Current Sense) Pin 3: ROVP (Over Voltage Protection Sense) Pin 4: GND (Ground) Pin 5: GATE (Gate Drive for external MOSFET) Pin 6: VCC (Supply Voltage) Pin 7: COMP (Compensation Capacitor) Pin 8: FB (Feedback Pin) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using Primary-Side Regulation (PSR) in the AL1663R?
    • ⤷ How does the Boundary Conduction Mode (BCM) help in reducing EMI?
    • ⤷ Can the AL1663R be used for non-dimmable LED driver designs?