전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALCT-533-R/Q

  • AI
    The **ALCT-533-R/Q** is a high-performance, compact current transformer (CT) typically used in power monitoring, energy management systems, and industrial automation. It is designed to convert high primary currents into lower, manageable secondary signals for measurement devices. --- ## 1. Technical Specifications The "R/Q" designation often refers to specific variations in mounting or accuracy class. Below are the standard electronic parameters for this series: | Parameter | Specification | | :--- | :--- | | **Type** | Solid-core or Split-core (Model dependent) | | **Rated Primary Current** | Up to 500A - 3000A (Range specific) | | **Secondary Output** | 5A or 1A (Standard) | | **Accuracy Class** | 0.5 or 1.0 | | **Frequency** | 50Hz / 60Hz | | **Insulation Voltage** | 3kV / 1min | | **Operating Temperature** | -25°C to +75°C | --- ## 2. Key Electronic Components & Design The ALCT-533-R/Q consists of three primary electronic/physical sections: ### A. Magnetic Core * **Material:** High-permeability silicon steel or nanocrystalline core. * **Function:** It captures the magnetic field generated by the primary conductor (the cable passing through the center) and concentrates it to induce current in the secondary winding. ### B. Secondary Windings * **Composition:** Multiple turns of fine copper wire wrapped around the core. * **Mechanism:** Based on **Faraday's Law of Induction**, the ratio of primary turns to secondary turns determines the current reduction. ### C. Encapsulation & Insulation * **Material:** Flame retardant plastic (UL94-V0) or epoxy resin. * **Protection:** Provides high dielectric strength to ensure that high-voltage primary lines do not short-circuit into the low-voltage metering equipment. --- ## 3. Application Use-Cases 1. **Energy Metering:** Providing input to digital power meters to track kilowatt-hour (kWh) consumption. 2. **Overcurrent Protection:** Feeding signals into protective relays to trip circuit breakers during a fault. 3. **Load Monitoring:** Real-time analysis of motor or machinery performance in industrial plants. --- ## 4. Wiring Diagram Logic In a typical setup, the primary conductor acts as a "single turn": ```text Primary Conductor (High Current) ----> [ Transformer Hole ] ----> Load | (Secondary Output S1/S2) | [ Measurement Device ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions of this model?
    • ⤷ How do I calculate the burden resistance for this current transformer?
    • ⤷ Can this transformer be used for DC current measurement?