전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALM-11-R/Q

  • AI
    The **ALM-11-R/Q** series refers to high-performance, low-noise amplifier (LNA) modules typically used in wireless infrastructure and telecommunications applications. These components are manufactured by Broadcom (formerly Avago Technologies). --- ## 1. Core Technical Overview The ALM-11 series consists of Gallium Arsenide (GaAs) MMIC (Monolithic Microwave Integrated Circuit) modules. They are designed to operate at the front end of a receiver to amplify weak signals while adding minimal noise. ### Key Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | GaAs pHEMT (Pseudomorphic High Electron Mobility Transistor) | | **Supply Voltage** | 5.0 V (Typical) | | **Gain** | ~14 to 18 dB (Frequency dependent) | | **Noise Figure** | < 1.0 dB (Very low noise) | | **Interface** | 50 $\Omega$ input/output matching | | **Package Type** | MCOB (Miniature Chip-on-Board) | --- ## 2. Functionality and Pin Configuration These modules are "plug-and-play" LNAs, meaning they often include internal matching circuitry, reducing the need for external components. ### Internal Components 1. **Transistor Stage:** Utilizes pHEMT technology for high linearity and low noise. 2. **Matching Network:** Internal circuitry ensures the input and output impedances are tuned to 50 ohms for standard RF systems. 3. **Shutdown Logic:** Often includes a "Power Down" or "Shutdown" pin to conserve energy when the receiver is inactive. ### Typical Pin Layout (Simplified) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | RFin | Radio Frequency Input | | 2 | Vdd | DC Supply Voltage (Power) | | 3 | RFout | Radio Frequency Output | | 4 | Vsd | Shutdown Control (Digital) | | 5-8 | GND | Ground connections for thermal dissipation | --- ## 3. Applications The ALM-11 series is specifically engineered for high-reliability environments where signal integrity is critical: * **Cellular Base Stations:** Used in GSM, CDMA, W-CDMA, and LTE bands. * **Tower Mounted Amplifiers (TMA):** Boosting signals directly at the antenna site. * **Repeaters:** Maintaining signal strength over long distances. * **Small Cells/Femtocells:** Providing indoor cellular coverage. --- ## 4. Example Implementation (Schematic Concept) When integrating an ALM-11-R/Q into a PCB design, the layout should look similar to this logic: ```cpp // Pseudo-layout logic for RF path [Antenna] -> [Bandpass Filter] -> [ALM-11 RFin] -> [Internal Amplification] -> [ALM-11 RFout] -> [Mixer/Demodulator] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the R and Q variants of the ALM-11 series?
    • ⤷ How does the noise figure of the ALM-11 compare to standard CMOS amplifiers?
    • ⤷ What are the recommended thermal management techniques for MCOB packages?