전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALM-42-R

  • AI
    The **ALM-42-R** is a specific electronic component primarily known as a **rotary encoder with an integrated LED ring**. It is frequently used in audio equipment, industrial control panels, and custom computer peripherals (like mechanical keyboards or macro pads) because it provides both input control and visual feedback. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Key Components & Features The ALM-42-R is a "composite" component, meaning it integrates several electronic sub-systems into one housing: | Part | Description | | :--- | :--- | | **Incremental Encoder** | A mechanical rotary switch that generates Gray code pulses to detect direction and speed of rotation. | | **Push-Button Switch** | An integrated momentary tactile switch activated by pressing the shaft downward. | | **LED Ring** | A circular array of LEDs (usually 16 segments) surrounding the shaft for visual status indication. | | **Control IC** | Some versions include an onboard driver (like a shift register) to control the LEDs with fewer pins. | --- ### 2. Electrical Specifications While specific data may vary by manufacturer (often associated with brands like *Alpha* or *Bourns* types), the general electrical characteristics are: * **Operating Voltage:** Typically 3.3V to 5V DC. * **Pulses Per Revolution (PPR):** Usually 15 to 24 pulses. * **Switch Current:** Rated for low-current signal switching (e.g., 10mA at 5V). * **LED Forward Voltage:** 2.0V (Red/Yellow) to 3.2V (Blue/Green/White) per segment. --- ### 3. Pinout Configuration The ALM-42-R typically features a high pin count because of the LED integration. A standard layout includes: #### Encoder & Switch Pins * **Phase A & B:** Output signals for rotation tracking. * **Common (C):** Ground for the encoder phases. * **Switch Pins (2):** Dedicated to the momentary push-button. #### LED Interface Pins * **Data/Clock/Latch:** If the unit uses a serial-to-parallel interface (like a 74HC595 driver). * **Individual Anodes/Cathodes:** If the unit requires direct multiplexing from a microcontroller. --- ### 4. Typical Applications 1. **Audio Mixers:** Adjusting gain or volume while seeing the level on the LED ring. 2. **Smart Home Hubs:** Controlling temperature or lighting brightness. 3. **Industrial Timers:** Setting durations where the LED ring acts as a countdown visual. --- ### 5. Implementation Example (Pseudo-Code) To read the rotation in an Arduino-like environment, you monitor the state change between Pin A and Pin B: ```cpp // Basic logic for reading the encoder part void updateEncoder() { int MSB = digitalRead(pinA); int LSB = digitalRead(pinB); int encoded = (MSB << 1) | LSB; int sum = (lastEncoded << 2) | encoded; if(sum == 0b1101 || sum == 0b0100 || sum == 0b0010 || sum == 0b1011) encoderValue++; if(sum == 0b1110 || sum == 0b1000 || sum == 0b0001 || sum == 0b0111) encoderValue--; lastEncoded = encoded; } ```
    ✨ Follow-up Questions
    • ⤷How do I wire the LED ring to an Arduino?
    • ⤷ What is the difference between incremental and absolute encoders in this context?
    • ⤷ Are there specific libraries recommended for controlling the ALM-42-R?