ALNR-232-R
AI

## Overview of the ALNR-232-R
The **ALNR-232-R** is a specialized industrial-grade communication adapter/isolator, typically used to interface RS-232 serial devices with networked systems or to provide galvanic isolation for long-distance serial communication. Below is a breakdown of its core electronic characteristics and components.
---
### 1. Core Technical Specifications
The device is designed to handle asynchronous data transmission while protecting sensitive circuitry from electrical surges.
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | RS-232 (DB9 or Terminal Block) |
| **Isolation Voltage** | Typically 2.5kV to 3kV RMS |
| **Baud Rate Support** | 300 bps to 115.2 kbps |
| **Power Input** | 9-30V DC (External or Bus-powered) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **ESD Protection** | ±15kV Air-Gap Discharge |
---
### 2. Key Electronic Components
#### A. Galvanic Isolation Circuitry
The "R" in the model often signifies **Reliability** or **Robustness**, achieved through optical or magnetic couplers.
* **Optocouplers:** These convert electrical signals into light and back to electricity, ensuring there is no direct physical connection between the input and output. This prevents ground loops.
* **DC-DC Converters:** An internal isolated power module ensures that power on the field side is independent of the logic side.
#### B. The Transceiver (IC)
The heart of the device is an RS-232 transceiver (similar to the MAX3232 series but industrial spec).
* **Charge Pumps:** Integrated capacitors that step up low voltages to the +13V / -13V levels required by the RS-232 standard.
* **Auto-Direction Sensing:** Many ALNR models feature automatic data direction control, eliminating the need for RTS/CTS hardware flow control.
#### C. Protection Stage
To survive industrial environments, the ALNR-232-R includes:
* **TVS Diodes:** Transient Voltage Suppressors to clamp high-voltage spikes.
* **Gas Discharge Tubes (Optional):** Used in high-exposure areas to divert massive surges to the earth ground.
* **Resettable Fuses (PTCs):** Protects the internal circuitry from over-current conditions.
---
### 3. Connection Pinout (Standard RS-232)
Depending on the specific configuration, the electronic interface follows the standard DB9 layout:
| Pin | Signal | Direction | Description |
| :--- | :--- | :--- | :--- |
| 2 | RXD | Input | Receive Data |
| 3 | TXD | Output | Transmit Data |
| 5 | GND | - | Signal Ground |
| 7 | RTS | Output | Request to Send |
| 8 | CTS | Input | Clear to Send |
---
### 4. Typical Applications
* **PLC Programming:** Connecting a laptop to a Programmable Logic Controller in a factory with high electrical noise.
* **CNC Machinery:** Interfacing computers with lathes or mills where motor noise can corrupt data.
* **Remote Monitoring:** Sending serial data over long cables where ground potential differences exist between buildings.
- ⤷
Does the ALNR-232-R require external drivers for Windows 10/11?
- ⤷ What is the maximum cable length supported by this isolator?
- ⤷ How do I wire the terminal block for a 3-wire RS-232 setup?