전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALPHA-RX915S

  • AI
    The **ALPHA-RX915S** is a high-performance, sub-GHz wireless receiver module designed primarily for telemetry, remote sensing, and industrial control applications. It is based on the Semtech SX1276/78 LoRa® spread spectrum technology, operating in the **915 MHz** ISM (Industrial, Scientific, and Medical) band. --- ### ## Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Frequency Range** | 902 MHz – 928 MHz | | **Modulation Schemes** | LoRa®, FSK, GFSK, MSK, GMSK, OOK | | **Sensitivity** | Down to -148 dBm | | **Operating Voltage** | 1.8V to 3.7V DC | | **Interface** | SPI (Serial Peripheral Interface) | | **Current Consumption** | ~10-12 mA (Receiver mode) | --- ### ### Key Electronic Components & Subsystems #### 1. The Transceiver Core (Semtech LoRa Engine) The heart of the ALPHA-RX915S is the **SX127x series** silicon. * **LoRa Modem:** Provides ultra-long-range spread spectrum communication and high interference immunity. * **Packet Engine:** Handles preamble detection, sync word recognition, and CRC error checking automatically, reducing the load on the host microcontroller (MCU). #### 2. RF Front-End * **Low Noise Amplifier (LNA):** Boosts weak incoming signals from the antenna while adding minimal noise. This is critical for the module's high sensitivity. * **Crystal Oscillator (TCXO/XO):** Typically utilizes a high-precision 32MHz crystal to ensure frequency stability over varying temperature ranges. #### 3. Power Management The module includes internal LDOs (Low Drop-Out regulators) to provide stable voltage to the sensitive analog RF circuitry, ensuring that fluctuations in the main power supply do not degrade signal quality. --- ### ### Pinout Configuration (Common Layout) The ALPHA series modules generally follow a standard SMD (Surface Mount Device) footprint. | Pin Type | Function | Description | | :--- | :--- | :--- | | **VCC / GND** | Power Supply | 3.3V typical input and common ground. | | **SCK/MISO/MOSI** | SPI Bus | Used for communication between the MCU and the module. | | **NSS / CS** | Chip Select | Activates the SPI interface. | | **DIO0 - DIO5** | Digital I/O | Configurable interrupts (e.g., "Packet Received" or "Payload Ready"). | | **RESET** | Hardware Reset | Used to reboot the module's internal logic. | | **ANT** | RF Output | Connection point for a 915MHz whip or PCB antenna. | --- ### ### Operational Advantages * **Long Range:** Capable of kilometers of range in line-of-sight conditions. * **Low Power:** Designed for battery-operated devices (IoT nodes) that need to last for years. * **Scalability:** Compatible with the LoRaWAN protocol for wide-area network deployment. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the ALPHA-RX915S in FSK mode?
    • ⤷ How do I calculate the link budget for this module?
    • ⤷ Can this module be used for bidirectional communication or is it receive-only?