전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALR-021-R/BL

  • AI
    The **ALR-021-R/BL** is a specialized electronic component, typically classified as a **High-Intensity Blue LED Indicator** or a specific **Warning Light Assembly** often used in industrial or automotive applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The ALR-021 series is designed for high visibility and durability. The "R/BL" suffix generally denotes a specific color configuration (Red/Blue or Blue specifically depending on the manufacturer's coding) and mounting style. | Feature | Description | | :--- | :--- | | **Component Type** | LED Indicator / Pilot Light | | **Illumination Color** | Blue (BL) | | **Input Voltage Range** | Typically 12V - 24V DC (Model dependent) | | **Housing Material** | Polycarbonate or Aluminum Alloy | | **Ingress Protection** | Often IP67 (Water and Dust resistant) | | **Operating Temp** | -20°C to +60°C | --- ### 2. Electronic Component Breakdown Inside the unit, several key electronic parts manage the power and light output: #### A. Light Emitting Diodes (LEDs) * **Technology:** Uses Surface Mount Device (SMD) LEDs. * **Efficiency:** High-lumen output with low power consumption. Blue LEDs typically operate at a forward voltage ($V_f$) of **3.0V to 3.4V**. #### B. Driver Circuitry * **Current Limiting:** Integrated resistors or a constant-current driver chip ensure the LEDs do not burn out due to voltage spikes. * **Reverse Polarity Protection:** A diode is usually included in the circuit to prevent damage if the positive and negative wires are connected backwards. #### C. Wiring and Connectivity * **Leads:** Usually comes with pre-tinned copper wires (approx. 20-22 AWG). * **Termination:** Often stripped ends or bullet connectors for integration into a wiring harness. --- ### 3. Application Use Cases This specific part is frequently utilized in the following electronic systems: 1. **Industrial Control Panels:** As a status indicator for machinery. 2. **Emergency Vehicles:** As a secondary warning light or cabin indicator. 3. **Marine Electronics:** Due to its moisture resistance, it is used on boat dashboards. 4. **Custom PC/Modding:** High-end power indicators for custom builds. --- ### 4. Technical Summary Table | Parameter | Value (Typical) | | :--- | :--- | | **Current Draw** | 20mA - 50mA | | **Luminous Intensity** | 500 - 1000 mcd | | **Viewing Angle** | 30° - 60° | | **Mounting Hole** | 8mm - 12mm (depending on bezel) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the ALR-021-R/BL?
    • ⤷ Does this component require an external resistor for 24V applications?
    • ⤷ Is the ALR-021-R/BL compatible with PWM dimming circuits?