전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALR-142-R/BL

  • AI
    The **ALR-142-R/BL** is a specialized electronic component primarily used in industrial power distribution and protection. It is a **Residual Current Monitor (RCM)** or a **Ground Fault Relay** (often part of the ALR series by manufacturers like Broyce Control). Below is a detailed breakdown of its electronic specifications and functions. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Residual Current Monitor (RCM) / Earth Leakage Relay | | **Control Supply** | Typically 110V - 230V AC (model dependent) | | **Tripping Range** | Adjustable (e.g., 30mA to 30A) | | **Time Delay** | Adjustable (e.g., 0s to 10s) | | **Output Contacts** | 1 x SPDT (Single Pole Double Throw) or 2 x SPDT | | **Mounting Type** | DIN Rail (standard 35mm) | | **Reset Options** | Manual or Auto-reset | --- ### 2. Electronic Component Breakdown The ALR-142-R/BL consists of several internal electronic subsystems that work together to detect electrical faults: #### A. Sensing Interface (Toroid Input) The unit does not measure current directly. Instead, it connects to an external **Toroidal Current Transformer (CBCT)**. * **Physics:** All phase wires and the neutral pass through the toroid. In a healthy system, the vector sum is zero. * **Electronic Detection:** If a leakage to earth occurs, the magnetic field becomes unbalanced, inducing a small voltage in the toroid's secondary winding, which the ALR-142 processes. #### B. Signal Processing Circuitry * **Filtering:** The internal electronics include low-pass filters to prevent nuisance tripping caused by high-frequency noise or harmonics from Variable Speed Drives (VSDs). * **Comparator:** An internal operational amplifier circuit compares the sensed leakage level against the user-defined threshold set via the front dials. #### C. Control & Output Stage * **Electromagnetic Relay:** When the threshold is exceeded for the duration of the time delay, the internal relay energizes/de-energizes. * **LED Indicators:** * **Green:** Power Supply healthy. * **Red:** Tripped/Fault detected. --- ### 3. Meaning of Model Suffixes * **-R:** Generally indicates a **Remote Reset** capability or a specific **Relay** configuration. * **-BL:** Often signifies a **Blue** backlight or a specific visual status indicator variant used for high-visibility industrial panels. --- ### 4. Typical Connection Diagram Concept ```text [ Power Source L1, L2, L3, N ] | +-----|-----------+ | [ Toroid ] | <--- Measures leakage +-----|-----------+ | | (Secondary Winding) | [ ALR-142-R/BL ] | (Terminals 1 & 2: Supply) | (Terminals 3 & 4: Toroid Input) | (Terminals 5, 6, 7: Output Relay) | [ Electrical Load ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible Toroidal Current Transformer (CBCT) sizes for this relay?
    • ⤷ How do you calibrate the trip time delay for industrial motors?
    • ⤷ What is the difference between Type A and Type AC leakage protection in this model?