전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALT3

  • AI
    The **ALT3** refers to a high-performance **Step-Up (Boost) DC-DC Converter** often used in automotive and industrial applications. It is specifically designed to provide a regulated voltage from a lower-voltage source (like a battery). --- ### 1. Core Specifications Below are the typical electronic characteristics found in the ALT3 series components: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5V to 15V (approx.) | | **Output Voltage** | Adjustable or Fixed (up to 30V+) | | **Switching Frequency** | ~1.2 MHz to 2 MHz | | **Efficiency** | Up to 90% | | **Package Type** | SOT-23, TSOT-23, or QFN | --- ### 2. Internal Electronic Architecture The ALT3 operates using a **Pulse Width Modulation (PWM)** control scheme. Key internal sections include: * **Internal Power MOSFET:** A low $R_{DS(on)}$ switch that minimizes power loss during the "ON" cycle. * **Error Amplifier:** Compares the feedback voltage from the output to an internal reference voltage to maintain stability. * **Current Limit Protection:** Sensors that shut down the switch if current exceeds safe thresholds to prevent thermal runaway. * **Soft-Start Circuit:** Gradually increases the duty cycle during power-up to prevent massive inrush currents. --- ### 3. Required External Components To function as a complete power supply, the ALT3 requires a specific set of peripheral electronics: 1. **Inductor (L1):** Stores energy in a magnetic field when the internal switch is closed. Typically ranges from $2.2\mu H$ to $10\mu H$. 2. **Schottky Diode (D1):** Provides a path for the inductor current to the load when the switch is open. 3. **Input/Output Capacitors (C1, C2):** Low-ESR ceramic capacitors used to filter voltage ripple and stabilize the loop. 4. **Resistor Divider (R1, R2):** Connected to the **FB (Feedback)** pin to set the desired output voltage based on the formula: `Vout = Vref * (1 + R1/R2)` --- ### 4. Common Applications * **OLED/LCD Bias Supplies:** Providing the high voltage needed for display backlighting. * **Automotive Sensors:** Boosting 5V or 12V rails for specialized sensor clusters. * **Battery Powered Devices:** Stepping up Li-ion (3.7V) voltages to 5V or 12V for peripheral chips.
    ✨ Follow-up Questions
    • What are the main differences between the ALT3 and the ALT2 series?
    • How do I calculate the inductor value for an ALT3 circuit?
    • What are the thermal management requirements for this component?