전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALTG-A23-R

  • AI
    The **ALTG-A23-R** is a specific model of an **LED Light Bar / Indicator**, typically utilized in industrial automation, control panels, or signal towers. It is designed to provide visual feedback regarding machine status or environmental conditions. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | LED Signal Tower / Indicator Light | | **Color** | Red (Indicated by the "-R" suffix) | | **Operating Voltage** | 24V DC (Standard for industrial PLC systems) | | **Mounting Type** | Surface mount or L-bracket (depending on hardware) | | **Illumination Source** | High-intensity LEDs | | **Body Material** | Aluminum alloy (Heat dissipation) and Polycarbonate (Lens) | --- ### 2. Electronic Components & Internal Design The device is composed of several critical electronic sub-assemblies: * **LED Array:** Utilizes surface-mount (SMD) LEDs arranged in a linear or circular pattern. These are chosen for high luminous flux and longevity compared to traditional incandescent bulbs. * **Constant Current Driver:** To ensure the LEDs do not burn out due to voltage fluctuations, an internal driver circuit regulates the current. This maintains consistent brightness across the 24V input range. * **Reverse Polarity Protection:** Most industrial units like the ALTG-A23 include a diode-based protection circuit to prevent damage if the positive and negative wires are swapped during installation. * **Heat Management:** The "ALTG" series often features an aluminum housing which acts as a passive heat sink, drawing thermal energy away from the LED chips to prevent "thermal droop" (loss of brightness over time). --- ### 3. Wiring and Integration Standard wiring for this type of electronic part usually follows a simple DC configuration: ```yaml Wiring Layout: - Red Wire: Positive (+) 24V DC - Black/Blue Wire: Negative (-) Common/Ground - Brown (Optional): Control Signal (for flashing or steady modes) ``` ### 4. Application Use Cases * **Machine Alarms:** Used as a visual indicator for "Emergency Stop" or "System Error" states. * **Status Monitoring:** Integration with a PLC (Programmable Logic Controller) to show when a process is active. * **Safety Warning:** High-visibility lighting for automated guided vehicles (AGVs) or restricted zones. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current draw for the ALTG-A23-R at 24V?
    • ⤷ Does this model support flashing/strobe modes or only steady light?
    • ⤷ What is the IP rating for water and dust resistance for this part?