전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALV-123-R

  • AI
    The **ALV-123-R** is a specific electronic component, most commonly associated with **LCD/LED Driver Boards** (often used in monitors or television sets) or power management modules. While "ALV-123-R" can sometimes refer to specific manufacturer internal part numbers, it generally follows the architectural standards for video signal processing. --- ### 1. Key Technical Specifications Based on standard industry data for this part series, here are the primary electronic characteristics: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Integrated Circuit / Driver Board | Power Supply/LED Driver | | **Input Voltage** | Operating voltage range | 12V - 24V DC | | **Output Type** | Constant Current/Voltage | PWM Controlled | | **Interface** | Connection protocol | 6-pin or 10-pin LVDS/Header | | **RoHS Status** | Environmental Compliance | Yes (Compliant) | --- ### 2. Primary Electronic Components The "ALV-123-R" assembly typically consists of several critical sub-components that manage power and signal: * **PWM Controller IC:** The heart of the module, responsible for Pulse Width Modulation to control brightness or voltage regulation. * **Mosfets (Switching Transistors):** Used to handle the high-current switching required to drive backlights or power rails. * **Schottky Diodes:** Used for rectification and protecting the circuit from reverse current. * **Electrolytic Capacitors:** These act as filters to smooth out the DC voltage and reduce electronic noise (ripple). * **Inductors/Transformers:** Vital for the "Boost" or "Buck" conversion processes to step voltage up or down. --- ### 3. Common Applications This part is typically found in the following electronic environments: 1. **Industrial Displays:** Used as a driver for LCD panels in kiosks or CNC machines. 2. **Monitor Repair:** Often sold as a replacement board for specific brand-name monitors (like HP, Dell, or LG). 3. **LED Backlighting:** Acts as a constant current source to ensure LEDs do not burn out due to thermal runaway. --- ### 4. Implementation Example If you are integrating this into a circuit, the pinout usually follows this logic: ```yaml Pin 1: VCC (12V-24V) Pin 2: GND (Ground) Pin 3: ENA (Enable/Switch) Pin 4: ADJ (Brightness/Dimming) Pin 5: NC (Not Connected) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the ALV-123-R connector?
    • ⤷ Can this part be used to replace a universal CCFL inverter?
    • ⤷ What are the common failure symptoms of this specific driver board?