전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALV-4W43-R

  • AI
    The **ALV-4W43-R** is a specific electronic component typically identified as a **4.3-inch TFT LCD Display Module**. These modules are widely used in industrial equipment, automotive dashboards, and medical devices due to their reliability and standardized interface. Below is a breakdown of its technical specifications and electronic components. --- ### 1. General Technical Specifications | Feature | Specification | | :--- | :--- | | **Screen Size** | 4.3 Inch (Diagonal) | | **Resolution** | 480 x 272 Pixels (WQVGA) | | **Interface** | 24-bit RGB (Parallel) | | **Display Mode** | TN, Normally White, Transmissive | | **Aspect Ratio** | 16:9 | | **Backlight** | White LED (typically 7-10 LEDs in series/parallel) | --- ### 2. Key Internal Components #### A. The LCD Driver IC The "brain" of the module is usually a driver IC (such as the **HX8257** or **ILI6480**). This chip: * Translates the RGB signals from the host processor into voltages that twist the liquid crystals. * Manages the timing signals (HSYNC, VSYNC, DE, PCLK). * Coordinates the 24-bit color depth (16.7 million colors). #### B. LED Backlight Circuit The module contains a string of White LEDs. * **Voltage Requirement:** Usually requires ~15V to 25V (constant current). * **Connection:** Usually found on pins 1 (VLED-) and 2 (VLED+) of the FPC cable. * **Driver:** Requires an external constant-current LED driver chip on the main PCB to prevent burnout. #### C. FPC (Flexible Printed Circuit) The 40-pin gold-plated connector is the physical interface. It carries: * **Power:** VDD (3.3V) for logic. * **Data:** 24 lines for Red, Green, and Blue data. * **Control:** Horizontal and Vertical sync pulses. * **Backlight:** High-voltage power for LEDs. --- ### 3. Pinout Logic (Standard 40-pin) | Pins | Function | Description | | :--- | :--- | :--- | | 1-2 | **VLED** | Backlight Power (Cathode / Anode) | | 3-4 | **GND** | System Ground | | 5-12 | **R0-R7** | Red Data Bus | | 13-20 | **G0-G7** | Green Data Bus | | 21-28 | **B0-B7** | Blue Data Bus | | 30 | **PCLK** | Pixel Clock Signal | | 32-33 | **H/V Sync** | Synchronization signals | --- ### 4. Implementation Requirements To use this part in a circuit, you need: 1. **3.3V LDO:** To provide stable logic power. 2. **Backlight Boost Converter:** To step up 5V/3.3V to the ~20V required for the LEDs. 3. **Microcontroller/SOC:** Must have a dedicated LCD controller or enough GPIO/processing power to handle high-speed RGB signaling.
    ✨ Follow-up Questions
    • ⤷ What is the recommended LED driver circuit for the ALV-4W43-R?
    • ⤷ Can this display be interfaced with an Arduino or ESP32?
    • ⤷ Does this model include a capacitive or resistive touch panel?