전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALV-613-R/Q

  • AI
    The **ALV-613-R/Q** is a specific variant of an industrial-grade **Linear Variable Differential Transformer (LVDT)**, typically used as a position sensor or feedback transducer in hydraulic, aerospace, or heavy machinery applications. The suffix "R/Q" often refers to specific electrical output configurations (Ratio/Quadrature or Resistance/Quality metrics) or mounting styles defined by the manufacturer. --- ### 1. Core Electronic Components The internal electronic structure of an LVDT like the ALV-613 follows a standard electromagnetic design: | Component | Description | Function | | :--- | :--- | :--- | | **Primary Coil** | The central winding of the device. | Creates a magnetic field when energized by AC current. | | **Secondary Coils** | Two identical coils placed on either side of the primary. | Picks up the induced voltage from the primary coil. | | **Ferromagnetic Core** | A movable rod made of high-permeability material. | Channels the magnetic flux between primary and secondary coils. | | **Housing/Shielding** | Stainless steel or Mu-metal enclosure. | Protects against EMI (Electromagnetic Interference) and moisture. | --- ### 2. Operating Principles The ALV-613 works on the principle of **Electromagnetic Induction**. 1. **Excitation:** An AC voltage (Sine wave) is applied to the primary coil. 2. **Flux Linkage:** The movable core directs the magnetic flux to the secondary coils. 3. **Differential Output:** * If the core is **centered**, the voltage in both secondary coils is equal (Null point). * If the core **moves**, the voltage in one coil increases while the other decreases. 4. **Signal Conditioning:** The "R/Q" variants usually require or include an internal circuit to convert this AC differential into a usable DC signal (e.g., 0-10V or 4-20mA). --- ### 3. Specifications Table (Estimated) *Note: Specific values depend on the exact manufacturer (often MOOG or similar industrial brands).* | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 5V to 24V DC (if integrated) or AC Excitation | | **Output Type** | Analog (Voltage or Current) | | **Linearity** | < ±0.5% of Full Scale | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | | **IP Rating** | IP65 - IP67 (Dust and Water resistant) | --- ### 4. Comparison: R vs. Q Designations In the context of part numbering for these sensors: * **-R:** Often signifies **Ratio-metric** output (where the output is a ratio of the input voltage, reducing error from power supply fluctuations). * **-Q:** Can signify **Quadrature** or a specific **Qualification** level (e.g., military-grade testing). ---
    ✨ Follow-up Questions
    • ⤷What is the typical pinout for the ALV-613 connector?
    • ⤷ How do you calibrate an ALV-613 LVDT in a hydraulic system?
    • ⤷ What are the common failure modes for LVDT sensors in high-vibration environments?