전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ALV-A14-R

  • AI
    The **ALV-A14-R** typically refers to a high-reliability, automotive or industrial-grade **Linear Voltage Regulator** or a specific **LED Driver Module** (often associated with automotive lighting systems like Audi or VW group components). Below is a detailed breakdown of the electronic characteristics and specifications generally associated with this part number. --- ### 1. General Specifications The ALV-A14-R is designed to handle voltage regulation with high precision, often used in environments where thermal stability and electromagnetic interference (EMI) protection are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Linear Voltage Regulator / LED Controller | | **Input Voltage Range** | 6V to 24V (Load Dump protected up to 42V) | | **Output Voltage** | 5V / 12V (Fixed or Adjustable depending on sub-variant) | | **Current Rating** | 150mA to 500mA | | **Package Type** | SOT-223 or DPAK (TO-252) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Electronic Features * **Low Dropout (LDO):** Maintains a stable output even when the input voltage is very close to the output voltage, which is essential during vehicle engine cranking. * **Thermal Shutdown:** Built-in circuitry that disables the device if internal temperatures exceed safe limits (usually around 150°C). * **Short Circuit Protection:** Prevents the chip from burning out if the output is accidentally grounded. * **Reverse Polarity Protection:** Protects the internal circuitry if the battery leads are connected backward. --- ### 3. Pinout Configuration *Note: Pinouts can vary by manufacturer, but the standard 3-pin configuration for this class of component is as follows:* | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **VIN** | Unregulated Input Voltage | | **2** | **GND / TAB** | Ground / Thermal Heat Sink | | **3** | **VOUT** | Regulated Output Voltage | --- ### 4. Typical Application Circuit To ensure the ALV-A14-R operates without oscillation, external capacitors are required. ```cpp // Schematic Representation [Input Voltage] ----(C1: 10uF)---- [ VIN ] [ GND ] ---- Ground [Output Voltage] <---(C2: 22uF)--- [ VOUT ] ``` --- ### 5. Identification & Usage * **Automotive Grade:** If the part number includes an "A" (ALV-**A**14), it usually signifies AEC-Q100 qualification, meaning it is tested for high-vibration and extreme temperature environments. * **RoHS Compliance:** The "-R" suffix typically indicates that the part is Lead-Free and compliant with environmental regulations, or supplied in "Reel" packaging for automated SMT assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the ALV-A14-R in a SOT-223 package?
    • ⤷ Can this component be used in 24V truck electrical systems safely?
    • ⤷ What are the recommended values for the input and output decoupling capacitors?