전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM-R2

  • AI
    The **AM-R2** is a modular, high-performance mobile robot platform commonly used for research, education, and light industrial prototyping. Its electronic architecture is designed for high-speed processing, precise motor control, and environmental sensing. --- ## 1. Core Electronic Components The electronics of the AM-R2 can be categorized into three main systems: Processing, Motion Control, and Sensing. | Component Category | Part Name / Type | Function | |:---|:---|:---| | **Main Processor** | NVIDIA Jetson Nano / Raspberry Pi 4 | Handles AI tasks, ROS nodes, and SLAM algorithms. | | **Microcontroller** | STM32 / Arduino (Embedded) | Real-time motor control and sensor data acquisition. | | **Motor Drivers** | High-Current H-Bridge Drivers | Regulates power to DC brushless or stepper motors. | | **Power System** | LiPo Battery & BMS | Provides stable 12V/24V power with protection circuits. | --- ## 2. Sensing & Perception Modules The AM-R2 relies on various electronic sensors to navigate and interact with its environment: * **LiDAR (Light Detection and Ranging):** Typically an RPLIDAR or similar 360° laser scanner used for mapping and obstacle avoidance. * **IMU (Inertial Measurement Unit):** A 6-axis or 9-axis sensor (Gyroscope + Accelerometer) used to maintain orientation and calculate odometry. * **Depth Camera:** Often equipped with an Intel RealSense or Orbbec camera for 3D vision and object recognition. * **Encoders:** High-resolution magnetic or optical encoders attached to motors to track wheel revolutions and distance. --- ## 3. Communication & Interfacing The internal electronic communication follows standard industrial protocols to ensure low latency: ### Connectivity Map 1. **USB 3.0:** High-speed data transfer between the Depth Camera/LiDAR and the main processor. 2. **CAN Bus / Serial (TTL/RS232):** Used for communication between the high-level processor and the motor control boards. 3. **GPIO (General Purpose I/O):** For connecting custom hardware like LEDs, buzzers, or extra sensors. 4. **Wi-Fi/Bluetooth:** Integrated into the processor for remote control and data monitoring. --- ## 4. Power Management System The AM-R2 includes a sophisticated **Power Distribution Board (PDB)** that ensures the sensitive electronics do not fry during motor surges: ```yaml Power_Specs: Input_Voltage: 12V - 24V DC Regulators: - 5V Output: Powers the Raspberry Pi/Jetson - 12V Output: Powers the LiDAR and Motors Safety_Features: - Over-current protection (Fuses) - Low-voltage alarm (Buzzer) - Emergency Stop (E-Stop) physical interface ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific battery requirements for the AM-R2?
    • ⤷ Which version of ROS is best suited for the AM-R2 electronics?
    • ⤷ Can the AM-R2 be upgraded with a custom NVIDIA Jetson Orin module?