AM-RRS3-418
AI

## Overview of the AM-RRS3-418
The **AM-RRS3-418** is a high-performance, compact Super-Regenerative Radio Frequency (RF) Receiver module. It is specifically designed for short-range wireless data communication, typically operating at a fixed frequency of **418 MHz**. This module is widely used in remote control systems and wireless data links.
---
### Technical Specifications
The following table outlines the primary electronic characteristics of the module:
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 418 MHz |
| **Operating Voltage** | 5V DC (Typical) |
| **Supply Current** | ~2.5 mA |
| **Sensitivity** | -100 to -105 dBm |
| **Data Rate** | Up to 2 KHz (Approx. 2.4kbps) |
| **Output Type** | CMOS/TTL Compatible Digital Output |
| **Modulation** | AM / OOK (On-Off Keying) |
---
### Key Electronic Components & Design
The AM-RRS3-418 relies on several critical electronic principles and sub-circuits:
1. **Super-Regenerative Architecture**:
Unlike a Superheterodyne receiver, this uses a self-oscillating detector. It provides high gain in a very small footprint and is highly cost-effective for simple remote applications.
2. **SAW Filter/Stabilizer**:
The "418" in the name indicates it is tuned specifically to 418 MHz. Higher-end versions often include a SAW (Surface Acoustic Wave) filter to improve frequency stability and reduce interference from adjacent signals.
3. **Low Pass Filter (LPF)**:
Integrated circuitry filters out the "quench" frequency (used in the regeneration process) so that only the recovered data signal is passed to the output pin.
4. **Comparator/Data Shaper**:
An internal operational amplifier or comparator converts the analog pulses received from the air into a clean digital square wave (TTL/CMOS) suitable for microcontrollers like Arduino or PIC.
---
### Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **ANT** | External Antenna connection (approx. 17.5cm wire) |
| 2, 3, 8 | **GND** | Ground connection |
| 4, 5 | **Vcc** | Positive Supply Voltage (+5V) |
| 6, 7 | **DATA** | Digital Data Output (connects to MCU) |
---
### Typical Application Circuit
When connecting this to a microcontroller, the circuit is straightforward. No external tuning is required by the user.
```cpp
// Example: Basic Arduino setup for reading Data pin
const int rxPin = 2; // Data pin connected to Digital 2
void setup() {
pinMode(rxPin, INPUT);
Serial.begin(9600);
}
void loop() {
int dataState = digitalRead(rxPin);
// Process the incoming pulse train
}
```
- ⤷
What is the ideal antenna length for a 418 MHz receiver?
- ⤷ How does the AM-RRS3-418 compare to the 433 MHz version?
- ⤷ Can this module be used for voice transmission or only data?