전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • AM1D-2415D-RZ

  • AI
    The **AM1D-2415D-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated dual output from a single input source, typically used for noise isolation and voltage conversion on printed circuit boards (PCBs). --- ### ## Technical Specifications The following table summarizes the core electronic characteristics of the AM1D-2415D-RZ: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage (Nominal)** | 24 VDC | Range typically ±10% (21.6 - 26.4V) | | **Output Voltage** | ±15 VDC | Dual output (positive and negative rails) | | **Output Current** | ±33 mA | Total power rating of 1 Watt | | **Isolation Voltage** | 1000 VDC | Standard isolation (input to output) | | **Package Style** | SIP7 | Single Inline Package with 7 pins | | **Efficiency** | ~78% - 82% | Varies slightly based on load | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature range | --- ### ## Internal Component Architecture While the exact internal schematic is proprietary, these units generally consist of the following electronic functional blocks: 1. **Oscillator/Switching Circuit:** Converts the 24V DC input into a high-frequency AC signal. 2. **Isolation Transformer:** Small ferrite core transformer that provides galvanic isolation and steps the voltage to the required level. 3. **Rectification & Filtering:** High-speed diodes and internal ceramic capacitors (MLCCs) convert the AC back to stable ±15V DC. 4. **Feedback Loop:** Ensures the output voltage remains stable despite small fluctuations in input or load. --- ### ## Pin Configuration (SIP7 Package) The "RZ" suffix denotes specific physical pinouts. For a standard AM1D Dual Output series: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Ground/Negative Input | | 4 | -Vout | Negative 15V Output | | 5 | Common | Zero Volt (Ground) reference for outputs | | 6 | +Vout | Positive 15V Output | --- ### ## Key Features & Applications * **Galvanic Isolation:** Protects sensitive downstream components from input voltage spikes and eliminates ground loops. * **Small Footprint:** The SIP7 package saves significant board space compared to discrete transformer designs. * **Typical Uses:** * Powering Operational Amplifiers (Op-Amps) requiring bipolar (+/-) rails. * Industrial automation control systems. * Data acquisition systems (ADC/DAC biasing). * Communication equipment.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitors for noise reduction on this model?
    • ⤷ Is this DC-DC converter short-circuit protected?
    • ⤷ What is the difference between the 'RZ' and other suffixes in this Aimtec series?